Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 30 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 30 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 26Page - ams-OSRAM AG AS3412 Datasheet HTML 27Page - ams-OSRAM AG AS3412 Datasheet HTML 28Page - ams-OSRAM AG AS3412 Datasheet HTML 29Page - ams-OSRAM AG AS3412 Datasheet HTML 30Page - ams-OSRAM AG AS3412 Datasheet HTML 31Page - ams-OSRAM AG AS3412 Datasheet HTML 32Page - ams-OSRAM AG AS3412 Datasheet HTML 33Page - ams-OSRAM AG AS3412 Datasheet HTML 34Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 85 page
background image
ams Datasheet
Page 29
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
Parameter
VBAT =1.8V, TA= 25ºC, Rinput = RFB = 1kΩ unless otherwise
specified.
Figure 35:
Operational Amplifier Parameter
Operational Amplifier: This table shows the detailed electrical characteristics of the operational amplifiers to be
used for ANC signal processing.
Note(s):
1. SNR figure measured with 20dB gain to minimize audio analyzer noise floor
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VLIN
Input Signal Level
Gain=0dB
0.9*VBAT
VBAT
VPEAK
SNR
Signal to Noise Ratio
10k
Ω load, Gain = 0dB(1),
VBAT=1.8V,
High Quality Mode
122.5
dB
10k
Ω load, Gain = 0dB, VBAT=1.65V
High Quality Mode
121.5
dB
10k
Ω load, Gain = 0dB, VBAT=1.8V,
ECO Mode
121
dB
10k
Ω load, Gain = 0dB, VBAT=1.65V,
ECO Mode
119.5
dB
IOP1
Block Current
Consumption
VBAT = 1.8V; OP1L and OP1R
enabled, normal mode
0.85
1.25
1.75
mA
VBAT = 1.8V; OP1L and OP1R
enabled, ECO mode
0.65
0.9
1.37
mA
VBAT = 1.65V; OP1L and OP1R
enabled, normal mode
0.8
1.2
1.68
mA
VBAT = 1.65V; OP1L and OP1R
enabled, ECO mode
0.6
0.85
1.32
mA
VNOISE-A
Input Referred Noise
Floor A-Weighted
High Quality Mode
900
nV
ECO Mode
1.1
μV
Voffset
DC offset voltage
Gain = 0dB
2
mV
CL
Load Capacitance
100
pF
ALoop
Open Loop Gain
100Hz
120
dB
RL
Load Impedance
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com