Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 43 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 43 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 39Page - ams-OSRAM AG AS3412 Datasheet HTML 40Page - ams-OSRAM AG AS3412 Datasheet HTML 41Page - ams-OSRAM AG AS3412 Datasheet HTML 42Page - ams-OSRAM AG AS3412 Datasheet HTML 43Page - ams-OSRAM AG AS3412 Datasheet HTML 44Page - ams-OSRAM AG AS3412 Datasheet HTML 45Page - ams-OSRAM AG AS3412 Datasheet HTML 46Page - ams-OSRAM AG AS3412 Datasheet HTML 47Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 85 page
background image
Page 42
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Detailed Description
If you want to read out the OTP fuse content, the OTP load
function is necessary. In order to load the OTP fuse content to
the OTP registers, a special sequence is necessary, as shown in
Figure 55.
Figure 55:
OTP Load Access Flow Chart
OTP Load Access Flow Chart: This flow chart shows how to successfully load the OTP fuse content back to the
OTP register via the I²C or production trimming interface.
OTP Fuse Process
Many wireless applications, like Bluetooth single chips support
programmable solutions, as well as ROM versions. As such, it is
necessary for ROM versions to store microphone gain
compensation data and the general ANC configuration inside
the ANC chip. This is necessary because there is no other way
to configure the ANC chip during startup. In order to guarantee
successful trimming of AS3412 it is necessary to provide a
decent environment for the trimming process. Figure 56 shows
a principal block diagram for trimming the AS3412 properly in
production using the I²C interface. The most important block is
the external power supply. Usually it is possible to trim the
AS3412 with a single supply voltage of min. 1.8V in laboratory
environment, but as soon as it comes to mass production VNEG
supply buffering is highly recommended. As highlighted in the
block diagram, it is mandatory to get a voltage difference
between VPOS and VNEG of 3.4V (minimum) to guarantee proper
trimming of the device, therefore it is possible to buffer it
externally with a negative power supply. The VNEG voltage
applied to VNEG pin must be lower than the voltage generated
by the charge pump. This means if the typical VNEG output
voltage is -1.5V you can apply externally -1.7V. The charge pump
enters then automatically skip mode.
Set bit EVAL_REG_ON
in register 0x20
Set OTP_MODE
register to ‘01'b
Dummy read from
register 0x30
Wait 15ms
Dummy read from
register 0x34
Wait 15ms
Dummy read from
register 0x10
Wait 15ms
Dummy read from
register 0x14
OTP registers are successfully loaded with
OTP fuses content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com