Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 68 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 68 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 64Page - ams-OSRAM AG AS3412 Datasheet HTML 65Page - ams-OSRAM AG AS3412 Datasheet HTML 66Page - ams-OSRAM AG AS3412 Datasheet HTML 67Page - ams-OSRAM AG AS3412 Datasheet HTML 68Page - ams-OSRAM AG AS3412 Datasheet HTML 69Page - ams-OSRAM AG AS3412 Datasheet HTML 70Page - ams-OSRAM AG AS3412 Datasheet HTML 71Page - ams-OSRAM AG AS3412 Datasheet HTML 72Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 85 page
background image
ams Datasheet
Page 67
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Register Description
Figure 84:
MODE_1 Register Description
Name
Address
Default Value
MODE_1
0x34
0x00
This register controls miscellaneous settings of the AS3512.
Bit
Bit Name
Default
Access
Bit Description
7MICS_CP_OFF
0
R/W
This bit controls the microphone supply charge pump.
The microphone charge pump has a second function
besides the bias voltage generation for microphones.
It is also used to disable the integrated music bypass
switch if the AS3412 is active. In case the integrated
bypass switch is used in an application the MICS_CP_
OFF bit must not be set to ‘1’.
0: Microphone supply charge pump enabled
1: Microphone supply charge pump disabled
6MICS_OFF
0
R/W
This bit controls the microphone supply. In case this
bit is set to ‘1’ the MICS pin is disconnected from the
internal microphone supply.
0: Microphone supply switched on
1: Microphone supply switched off
5
MIC_AGC_ON
0
R/W
This bit disables the automatic gain control of the
microphone preamplifier.
0: AGC disabled
1: AGC enabled
4MIC_OFF
0
R/W
This bit powers down the microphone preamplifier.
0: Microphone preamplifier enabled
1: Microphone preamplifier disabled
2
CP_OFF
0
R/W
This bit disables the VNEG charge pump in case there is
already a negative supply present in a system.
0: VNEG charge pump enabled
1: VNEG charge pump enabled
1HPH_OFF
0
R/W
This bit allows the user to power down headphone
amplifier in case it is not used in the final application
in order to save system power.
0: Headphone amplifier enabled
1: Headphone amplifier disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com