Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 56 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 56 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 52Page - ams-OSRAM AG AS3412 Datasheet HTML 53Page - ams-OSRAM AG AS3412 Datasheet HTML 54Page - ams-OSRAM AG AS3412 Datasheet HTML 55Page - ams-OSRAM AG AS3412 Datasheet HTML 56Page - ams-OSRAM AG AS3412 Datasheet HTML 57Page - ams-OSRAM AG AS3412 Datasheet HTML 58Page - ams-OSRAM AG AS3412 Datasheet HTML 59Page - ams-OSRAM AG AS3412 Datasheet HTML 60Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
ams Datasheet
Page 55
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Register Description
Detailed Register Description
System Registers
Figure 70:
SYSTEM Register Description
Name
Address
Default Value
SYSTEM
0x20
81h
This register contains control bits for monitor mode, OTP register and power up/down functions.
Bit
Bit Name
Default
Access
Bit Description
7:4
DESIGN_VERSION
1111
R
Design version number to identify the design version
of the AS3412.
1111: for chip version 1v0
3EVAL_REG_ON
0
R/W
This register controls read and write access to the OTP
register banks.
0: Normal operation
1: Enables writing to register 0x3D, 0x3E and 0x3F to
configure the OTP and set the access mode.
0PWR_HOLD
1
R/W
This bit allows an MCU using the I²C interface a power
down of the AS3412. A start condition on the I²C
interface will wake up the device again. This function
works only if the I2C_MODE bit is set before you write
this register.
0: Power up hold is cleared and chip powers down
1: It is automatically set to on after power on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com