Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 2 Page - ams-OSRAM AG

  AS3412 Datasheet HTML 1Page - ams-OSRAM AG AS3412 Datasheet HTML 2Page - ams-OSRAM AG AS3412 Datasheet HTML 3Page - ams-OSRAM AG AS3412 Datasheet HTML 4Page - ams-OSRAM AG AS3412 Datasheet HTML 5Page - ams-OSRAM AG AS3412 Datasheet HTML 6Page - ams-OSRAM AG AS3412 Datasheet HTML 7Page - ams-OSRAM AG AS3412 Datasheet HTML 8Page - ams-OSRAM AG AS3412 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 85 page
background image
ams Datasheet
Page 1
[v1-00] 2016-Apr-06
Document Feedback
AS3412
Ultra Small ANC Speaker Driver
The AS3412 is a speaker driver with Ambient Noise Cancelling
function for headsets, headphones or ear pieces. They are
intended to improve quality of e.g. music listening, a phone
conversation etc. by reducing background ambient noise.
The fully analog implementation allows the lowest power
consumption, lowest system BOM cost and most natural
received voice enhancement otherwise difficult to achieve with
DSP implementations. The device is designed to be easily
applied to existing architectures.
An internal OTP-ROM can be optionally used to store the
microphones gain calibration settings. The AS3412 can be used
in different configurations for best trade-off in terms of noise
cancellation, required filtering functions and mechanical
designs. The AS3412 targeting feed-forward topology is used
to effectively reduce frequencies typically up to 2-3 kHz.
The filter loop for the system is determined by measurements,
for each specific headset individually, and depends very much
on mechanical designs. The gain and phase compensation filter
network is implemented with cheap resistors and capacitors for
lowest system costs.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of this device are listed below:
Figure 1:
Added Value of Using AS3412
Applications
The devices are ideal for Ear Pieces, Headsets, Hands-Free Kits,
Mobile Phones, and Voice Communicating Devices.
Benefits
Features
• Low noise floor
• Low noise amplifiers
• Integrated music bypass switch
• Depletion mode transistors for passive music bypass
• Smallest ANC form factor
• WL-CSP package (2.2x2.2mm, 0.4mm pitch)
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com