Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 7Page - ams-OSRAM AG AS3412 Datasheet HTML 8Page - ams-OSRAM AG AS3412 Datasheet HTML 9Page - ams-OSRAM AG AS3412 Datasheet HTML 10Page - ams-OSRAM AG AS3412 Datasheet HTML 11Page - ams-OSRAM AG AS3412 Datasheet HTML 12Page - ams-OSRAM AG AS3412 Datasheet HTML 13Page - ams-OSRAM AG AS3412 Datasheet HTML 14Page - ams-OSRAM AG AS3412 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Detailed Description
Parameter
VBAT=1.65V, TA= 25ºC unless otherwise specified
Figure 9:
Line Input Parameter
Line Input Parameter: This table shows the detailed electrical characteristics of the line input.
Microphone Inputs
The AS3412 offers two low noise microphone inputs with full
digital control and a dedicated DC offset cancellation pin for
each microphone input. In total each gain stage offers up to 63
gain steps of 0.5dB resulting in a gain range from 0dB to +31dB.
The microphone gain is stored digitally during production on
an OTP memory. Besides the standard microphone gain register
for left and right channel, the chip features also two additional
microphone gain registers for monitor mode. Thus, in monitor
mode, a completely different gain setting for left and right
microphone can be selected to implement voice filter functions
in order to amplify the speech band for better speech
intelligibility.
Figure 10:
Stereo Microphone Input
Stereo Microphone Input: This diagram shows the internal structure of the stereo microphone preamplifier
including the mute switch as well as the automatic gain control (AGC).
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VLIN
Input Signal Level
0.9*VBAT
VPEAK
RLIN
Input Impedance
2
MUTE
MUTE_MIC_LEFT
MUTE
MUTE_MIC_RIGHT
AGC
AGC
MICL
MICR
MICACL
MICACR
QMICL
QMICR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com