Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 4Page - ams-OSRAM AG AS3412 Datasheet HTML 5Page - ams-OSRAM AG AS3412 Datasheet HTML 6Page - ams-OSRAM AG AS3412 Datasheet HTML 7Page - ams-OSRAM AG AS3412 Datasheet HTML 8Page - ams-OSRAM AG AS3412 Datasheet HTML 9Page - ams-OSRAM AG AS3412 Datasheet HTML 10Page - ams-OSRAM AG AS3412 Datasheet HTML 11Page - ams-OSRAM AG AS3412 Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
ams Datasheet
Page 7
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Electrical Characteristics
VBAT = 1.6V to 1.8V, TA = -20ºC to 85ºC. Typical values are at
VBAT = 1.6V, TA = 25ºC, unless otherwise specified. All limits are
guaranteed. The parameters with min and max values are
guaranteed with production tests or SQC (Statistical Quality
Control) methods.
Figure 6:
Electrical Characteristics of AS3412
Symbol
Parameter
Condition
Min
Max
Unit
TA
Ambient Temperature
Range
-20
85
°C
Supply Voltages
GND
Reference Ground
0
0
V
VBAT
Battery Supply Voltage
1.6
1.8
V
VNEG
Charge Pump Voltage
-1.8
-1.45
V
VDELTA
Difference of Ground
Supplies
GND, AGND
To achieve good performance, the
negative supply terminals should
be connected to a low impedance
ground plane.
-0.1
0.1
V
Other Pins
VMICS
Microphone Supply
Voltage
MICS
0
3.7
V
VANALOG
Analog Pins
MICACL, MICACR,LINR, LINL, HPR,
HPL, QMICL, QMICR, IOP1x, and
QOP1x
VNEG
VBAT
V
VCONTROL
Control Pins
MODE/CSCL, ANC/CSDA
0
3.7
V
VCP
Charge Pump pins
CPN and CPP
VNEG
VBAT
V
VTRIM
Application Trim Pins
TRSCL/BPR and TRSDA/BPL
VNEG -0.3
or -1.8
VBAT +0.5
or 1.8
V
VMIC
Microphone Inputs
MICL and MICR
VNEG
VBAT
V
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com