Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 62 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 62 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 58Page - ams-OSRAM AG AS3412 Datasheet HTML 59Page - ams-OSRAM AG AS3412 Datasheet HTML 60Page - ams-OSRAM AG AS3412 Datasheet HTML 61Page - ams-OSRAM AG AS3412 Datasheet HTML 62Page - ams-OSRAM AG AS3412 Datasheet HTML 63Page - ams-OSRAM AG AS3412 Datasheet HTML 64Page - ams-OSRAM AG AS3412 Datasheet HTML 65Page - ams-OSRAM AG AS3412 Datasheet HTML 66Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 85 page
background image
ams Datasheet
Page 61
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Register Description
Figure 76:
ANC_MODE Register Description
Name
Address
Default Value
ANC_MODE
0x14
00h
The ANC_MODE register controls various settings for the chipset in active noise cancelling mode like which
amplifiers are enabled as well as which audio inputs are active.
Bit
Bit Name
Default
Access
Bit Description
7:6
HPH_MUX<1:0>
00
R/W
This register selects the ANC input source for the
headphone amplifier in ANC mode. Depending on the
register setting the outputs of microphone
preamplifier or OPAMP1 can be connected to the
headphone amplifier input. It is also possible to
disconnect all ANC input sources which is sometimes
desired in monitor mode.
00: QMIC outputs are connected to HPH input
01: OP1 outputs are connected to HPH input
10: Do not use this setting
11: Nothing connected to HPH input except line input
in case it is enabled.
4
LIN_MUTE
0
R/W
This bit mutes the line input signal. If the bit is set the
line input signal is disconnected from the headphone
amplifier.
0: Line input signal enabled
1: Line input signal muted
1OP1R_ON
0
R/W
This register enables the right channel of OPAMP 1 in
ANC mode.
0: Right OP1 is switched off
1: Right OP1 is switched on
0OP1L_ON
0
R/W
This register enables the left channel of OPAMP 1 in
ANC mode.
0: Left OP1 is switched off
1: Left OP1 is switched on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com