Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 76 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 76 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 72Page - ams-OSRAM AG AS3412 Datasheet HTML 73Page - ams-OSRAM AG AS3412 Datasheet HTML 74Page - ams-OSRAM AG AS3412 Datasheet HTML 75Page - ams-OSRAM AG AS3412 Datasheet HTML 76Page - ams-OSRAM AG AS3412 Datasheet HTML 77Page - ams-OSRAM AG AS3412 Datasheet HTML 78Page - ams-OSRAM AG AS3412 Datasheet HTML 79Page - ams-OSRAM AG AS3412 Datasheet HTML 80Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 85 page
background image
ams Datasheet
Page 75
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Application Information
External Components
This chapter provides detailed information concerning
recommended external components such as capacitors and
resistors.
Figure 92:
External Components
External Components: This table provides detailed information concerning the recommended external
components to operate AS3412.
Symbol
Parameter
Temp.
Characteristic
Min. Rated
Voltage
Max.
Tolerance
Min. Nom.
Capacitance
Capacitors
C1, CVBAT
Input Capacitor
Y5R; X5R
4V
±20%
4.7μF
C3, CFLY
VNEG charge pump flying
capacitor
Y5R; X5R
4V
±20%
1μF
C4, C10,
CACR, CACR
AC coupling capacitor
Y5R; X5R
4V
±10%
10μF
C5, CVNEG
Output Capacitor
Y5R; X5R
4V
±20%
10μF
C8, C9
AC coupling input
capacitor
Y5R; X5R
4V
±20%
4.7μF
C6, CMICS
Output Capacitor
Y5R; X5R
4V
±20%
10μF
C7
Output Capacitor (optional
component)
Y5R; X5R
4V
±20%
22μF
C2, C11,
CMICL, CMICR
AC coupling capacitor;
value depends on ANC
filter design
Y5R; X5R
4V
±10%
-
CFILTER
ANC filter related
capacitors
Y5R; X5R
4V
±10%
-
Resistors
R1, R6
Bias current resistor for
microphones
-
-
5%
2.2kΩ
R4, R5
Pull down resistors to
avoid humming noise
-
-
5%
150Ω
R3, R7
Microphone input high
pass filter; value depends
on ANC filter design
--
5%
-
R2
Microphone supply filter
resistor (optional
component)
-
-
10%
220Ω
RFILTER
ANC filter related resistors
-
-
1%
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com