Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 72 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 72 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 68Page - ams-OSRAM AG AS3412 Datasheet HTML 69Page - ams-OSRAM AG AS3412 Datasheet HTML 70Page - ams-OSRAM AG AS3412 Datasheet HTML 71Page - ams-OSRAM AG AS3412 Datasheet HTML 72Page - ams-OSRAM AG AS3412 Datasheet HTML 73Page - ams-OSRAM AG AS3412 Datasheet HTML 74Page - ams-OSRAM AG AS3412 Datasheet HTML 75Page - ams-OSRAM AG AS3412 Datasheet HTML 76Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 85 page
background image
ams Datasheet
Page 71
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Register Description
Figure 88:
CONFIG_2 Register Description
Name
Address
Default Value
CONFIG_2
0x3F
0x00
This register controls the register access to all OTP registers. In order to get access to these registers it is
necessary to set EVAL_REG_ON bit to ‘1’.
Bit
Bit Name
Default
Access
Bit Description
5TM34
0
R/W
This Register defines the register bank selection for
register 0x30-0x35 and 0x10-0x17. Depending on
TM34 you can select either between Register bank
0x10-0x17 or 0x30h-0x34.
0: Test mode Registers 14h-17h and 10h-13h
disabled test mode Registers 30h-33h and
34h-37h enabled
1: Test mode Registers 14h-17h and 10h-13h enabled
test mode Registers 30h-33h and 34h-37h disabled
4BURNSW
0
R/W
This register controls the internal buffer switch from
line input to VNEG for VNEG buffering during OTP
programming.
0: BURN switch disabled
1: BURN switch enabled
3TM_REG34-35
0
R/W
0: Register 34h-35h disabled
Register 14h-17h disabled
1: Register 34h-35h enabled
Register 14h-17h enabled
2TM_REG30-33
0
R/W
0: Register 30h-33h disabled
Register 10h-13h disabled
1: Register 30h-33h enabled
Register 10h-13h enabled
1:0
OTP_MODE<1:0>
00
R/W
This register controls the OTP access.
00: READ
01: LOAD
10: WRITE
11: BURN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com