Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 12Page - ams-OSRAM AG AS3412 Datasheet HTML 13Page - ams-OSRAM AG AS3412 Datasheet HTML 14Page - ams-OSRAM AG AS3412 Datasheet HTML 15Page - ams-OSRAM AG AS3412 Datasheet HTML 16Page - ams-OSRAM AG AS3412 Datasheet HTML 17Page - ams-OSRAM AG AS3412 Datasheet HTML 18Page - ams-OSRAM AG AS3412 Datasheet HTML 19Page - ams-OSRAM AG AS3412 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
ams Datasheet
Page 15
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
Microphone Parameter: This table shows the detailed electrical characteristics of the microphone preamplifier
gain stage.
Figure 15:
Microphone Frequency Response
AMIC
Programmable Gain
Discrete logarithmic gain
steps
0+31
dB
Gain Steps Size
0.5
dB
Gain Step Precision
0.2
dB
Δ
AMIC
Gain Ramp Rate
VPEAK related to VBAT or VNEG
1
ms/step
VATTACK
Limiter Activation Level
VPEAK related to VBAT or VNEG
64 @ 0.5dB
0.40
1
VDECAY
Limiter Release Level
0.31
1
AMICLIMIT
Limiter Minimum Gain
0
dB
tATTACK
Limiter Attack Time
5
μs/step
tDECAY
Limiter Decay Time
1
ms/step
Microphone Frequency Response: This
graph shows the frequency response of
the microphone preamplifier with
different gain settings without RMICIN
resistor, CAC capacitor (MICACx pin
connected to AGND) and CMIC=10uF.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
-5
0
5
10
15
20
25
30
35
10
100
1k
10k
f [Hz]
0dB
30dB
10dB
20dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com