Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 77 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 77 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 73Page - ams-OSRAM AG AS3412 Datasheet HTML 74Page - ams-OSRAM AG AS3412 Datasheet HTML 75Page - ams-OSRAM AG AS3412 Datasheet HTML 76Page - ams-OSRAM AG AS3412 Datasheet HTML 77Page - ams-OSRAM AG AS3412 Datasheet HTML 78Page - ams-OSRAM AG AS3412 Datasheet HTML 79Page - ams-OSRAM AG AS3412 Datasheet HTML 80Page - ams-OSRAM AG AS3412 Datasheet HTML 81Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 85 page
background image
Page 76
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Pack age Drawings & Mark ings
Figure 93:
Package Drawings WL-CSP
Package Drawing: This figure shows the package drawing of the AS3412.
Note(s):
1. Pin 1 = A1
2. ccc Coplanarity
3. All dimensions are in μm
Package Drawings & Markings
Green
RoHS
40 0
40 0
40 0
40 0
29 5
29 5
80
21 90
22typ.
378 typ.
200 typ.
600 ± 30
Die si ze after cutting : 2235 x 2205 ± 20μm
31 7.50
31 7.5
Ball center to ed ge die size after cutti ng (X2): 317.5 μm
Ball center to ed ge die size after cutti ng (Y2): 322.50μm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com