Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 36 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 36 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 32Page - ams-OSRAM AG AS3412 Datasheet HTML 33Page - ams-OSRAM AG AS3412 Datasheet HTML 34Page - ams-OSRAM AG AS3412 Datasheet HTML 35Page - ams-OSRAM AG AS3412 Datasheet HTML 36Page - ams-OSRAM AG AS3412 Datasheet HTML 37Page - ams-OSRAM AG AS3412 Datasheet HTML 38Page - ams-OSRAM AG AS3412 Datasheet HTML 39Page - ams-OSRAM AG AS3412 Datasheet HTML 40Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 85 page
background image
ams Datasheet
Page 35
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
Slider Mode
Slider Mode is similar to Full Slider Mode with the only
difference that it is possible to use a push button (S3) to enable
and disable the Monitor Mode. Be aware that for Slider Mode
operation bit SLIDE_PWR_UP has to be set to ‘1’ and the SLIDER_
MON bit has to be set to ‘0’.
Figure 45:
Slider Mode
Slider Mode: The diagram shows the external connection of the switches and push button in slider mode.
The advantage of this mode compared to Full Slider Mode is the
automatic hold function of the Monitor Mode. Once the push
button S3 is pressed the device enters monitor mode. This mode
stays active until the user pushes the button again.
Figure 46:
Slider Mode Timing Diagram
Slider Mode Timing Diagram: The diagram shows the necessary voltages and timings for different operation
modes in Slider Mode configuration.
MODE/CSCL
ANC/CSDA
Control Logic
VBAT
22kΩ
ON
OFF
ANC
PBO
S1
S2
22kΩ
MONITOR
S3
MODE/CSCL Pin
OFF
ON
MONITOR
ON
OFF
>2ms
>24ms
>24ms
>10ms
>=1.65V
VBAT
45% - 55% VBAT
Operation Mode
<0.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com