Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 64 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 64 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 60Page - ams-OSRAM AG AS3412 Datasheet HTML 61Page - ams-OSRAM AG AS3412 Datasheet HTML 62Page - ams-OSRAM AG AS3412 Datasheet HTML 63Page - ams-OSRAM AG AS3412 Datasheet HTML 64Page - ams-OSRAM AG AS3412 Datasheet HTML 65Page - ams-OSRAM AG AS3412 Datasheet HTML 66Page - ams-OSRAM AG AS3412 Datasheet HTML 67Page - ams-OSRAM AG AS3412 Datasheet HTML 68Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 85 page
background image
ams Datasheet
Page 63
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Register Description
Figure 78:
PBO_MODE Register Description
Name
Address
Default Value
PBO_MODE
0x16
0x00
The PBO_MODE register controls various settings for the chipset in playback only mode like which amplifiers
are enabled as well as which audio inputs are active.
Bit
Bit Name
Default
Access
Bit Description
7
TEST_BIT_4
1
R
Test register. Please do not write this register.
6
NO_PBO
0
R/W
This bit disables the playback only mode function. No
external pull up resistor is required on ANC / CSDA pin
is necessary if this bit is set to ‘1’
0: Playback only mode enabled
1: Playback only mode disabled
4
PBO_LIN_MUTE
0
R/W
This bit enables the eco mode of the microphone
preamplifier.
0: Power save function disabled
1: Power save function enabled
1PBO_OP1R_ON
0
R/W
This register enables the right channel of OPAMP 1 in
playback only mode.
0: Right OP2 is switched off
1: Right OP2 is switched on
0PBO_OP1L_ON
0
R/W
This register enables the left channel of OPAMP 1 in
playback only mode.
0: Left OP2 is switched off
1: Left OP2 is switched on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com