Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 15Page - ams-OSRAM AG AS3412 Datasheet HTML 16Page - ams-OSRAM AG AS3412 Datasheet HTML 17Page - ams-OSRAM AG AS3412 Datasheet HTML 18Page - ams-OSRAM AG AS3412 Datasheet HTML 19Page - ams-OSRAM AG AS3412 Datasheet HTML 20Page - ams-OSRAM AG AS3412 Datasheet HTML 21Page - ams-OSRAM AG AS3412 Datasheet HTML 22Page - ams-OSRAM AG AS3412 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 85 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Detailed Description
Bypass Switch Operation: When using the TRSDA/BPL and
TRSCL/BPR pins you must not switch off the microphone
supply!
Parameter
VBAT=1.8V, TA= 25ºC, CMICS = 22μF, CMICSF = 47μF and
RMICSF = 220Ω unless otherwise specified.
Figure 19:
Microphone Supply Parameter
Microphone Supply Parameter: This table shows the detailed electrical characteristics of the microphone
supply.
Figure 20:
Microphone Supply Load Characteristic
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VMICS
Microphone Supply
Voltage
VBAT = 1.8V, no load
3.4
V
VBAT = 1.65V, no load
3.2
V
IMICS
Block Current
Consumption
VBAT = 1.8V; no load
0.36
0.5
0.9
mA
VBAT = 1.65V; no load
0.36
0.4
0.85
mA
VNoise-A
Microphone Supply Noise
A-Weighted, 500μA load
1.4
μV
A-Weighted, 550μA load, only
CMICS = 22uF assembled
11
μV
A-Weighted, 500μA load, only
CMICS = 10uF assembled
15
μV
Microphone Supply Load
Characteristic: This diagram shows
output voltage of the microphone
supply vs. output load on the
microphone supply.
0
1
2
3
123
4
I
load [mA]
VBAT=1.65
VBAT=1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com