Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 2Page - ams-OSRAM AG AS3412 Datasheet HTML 3Page - ams-OSRAM AG AS3412 Datasheet HTML 4Page - ams-OSRAM AG AS3412 Datasheet HTML 5Page - ams-OSRAM AG AS3412 Datasheet HTML 6Page - ams-OSRAM AG AS3412 Datasheet HTML 7Page - ams-OSRAM AG AS3412 Datasheet HTML 8Page - ams-OSRAM AG AS3412 Datasheet HTML 9Page - ams-OSRAM AG AS3412 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
ams Datasheet
Page 5
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Electrical
Characteristics is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings of AS3412
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VGND_MAX
Ground Terminals
-0.5
0.5
V
Applicable for pin AGND and
GND
VSUP_MAX
Supply Voltage to
Ground
-0.5
2.1
V
Applicable for pin VBAT
VNEG_MAX
Negative Terminals
-2.0
0.5
V
Applicable for pin VNEG
VCP_MAX
Charge Pump
Terminals
VNEG-0.5
VNEG+0.5
V
Applicable for pins CPN and CPP
VHP_MAX
Headphone Pins
VNEG-0.5
VNEG+0.5
V
Applicable for pins HPR and HPL
VANA_MAX
Analog Pins
VNEG-0.5
VNEG+0.5
V
Applicable for pins LINL, LINR,
MICL/R, HPR, HPL, QMICL/R,
IOP1x, QOP1x, CPP, CPN,
TRSCL/BPR, TRSDA/BPL, MICACL
and MICACR
VCON_MAX
Control Pins
VNEG-0.5
5V
Applicable for pins ANC/CSDA
and MODE/CSCL
VOTHER_MAX
Other Pins
VNEG-0.5
5
V
Applicable for pins MICS
ISCR
Input Current (latch-up
immunity) (1) (2)
±100
mA
JEDEC 17
Continuous Power Dissipation (TA = 70°C)
PT
Continuous power
dissipation
-
tbd
mW
Electrostatic Discharge
ESDHBM
Electrostatic Discharge
HBM
± 2000
V
JEDEC JESD22-A114C
Temperature Ranges and Storage Conditions
RTHJA
Junction to Ambient
Thermal Resistance
tbd
tbd
°C/W
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com