Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 65 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 65 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 61Page - ams-OSRAM AG AS3412 Datasheet HTML 62Page - ams-OSRAM AG AS3412 Datasheet HTML 63Page - ams-OSRAM AG AS3412 Datasheet HTML 64Page - ams-OSRAM AG AS3412 Datasheet HTML 65Page - ams-OSRAM AG AS3412 Datasheet HTML 66Page - ams-OSRAM AG AS3412 Datasheet HTML 67Page - ams-OSRAM AG AS3412 Datasheet HTML 68Page - ams-OSRAM AG AS3412 Datasheet HTML 69Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 85 page
background image
Page 64
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Register Description
Figure 79:
ECO Register Description
Figure 80:
ANC_R Register Description
Name
Address
Default Value
ECO
0x17
0x00
This register controls the economic (ECO) mode for all analog audio blocks. Furthermore it includes also other
general settings.
Bit
Bit Name
Default
Access
Bit Description
7
SLIDE_PWR_UP
0
R/W
This bit enables the slide switch control mode of the
AS3512. If this bit is programmed the device can be
powered up and powered down via a slide switch.
0: Slide switch control disabled
1: Slide switch control enabled
3
ENABLE_HPH_
ECO
0R/W
This bit enables the eco mode of the headphone
amplifier.
0: Power save function disabled
1: Power save function enabled
2
ENABLE_MIC_
ECO
0R/W
This bit enables the eco mode of the microphone
amplifier.
0: Power save function disabled
1: Power save function enabled
0
ENABLE_OPAMP_
ECO
0R/W
This bit enables the eco mode of the operational
amplifier amplifiers for ANC filter design.
0: Power save function disabled
1: Power save function enabled
Name
Address
Default Value
ANC_R
0x30
80h
The ANC_R Register configures the gain for the right microphone input.
Bit
Bit Name
Default
Access
Bit Description
7
TEST_BIT_5
1
R/W
Please do not write this register.
5:0
MICR_VOL<5:0>
000 0000
R/W
Volume settings for right microphone input,
adjustable in 63 steps of 0.5dB
00 0000: MUTE
00 0001: 0dB gain
00 0010: 0.5dB gain
00 0011: 1dB gain
…
11 1110: 30dB gain
11 1111: 31dB gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com