Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 40 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 40 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 36Page - ams-OSRAM AG AS3412 Datasheet HTML 37Page - ams-OSRAM AG AS3412 Datasheet HTML 38Page - ams-OSRAM AG AS3412 Datasheet HTML 39Page - ams-OSRAM AG AS3412 Datasheet HTML 40Page - ams-OSRAM AG AS3412 Datasheet HTML 41Page - ams-OSRAM AG AS3412 Datasheet HTML 42Page - ams-OSRAM AG AS3412 Datasheet HTML 43Page - ams-OSRAM AG AS3412 Datasheet HTML 44Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 85 page
background image
ams Datasheet
Page 39
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
OTP Memory and Internal Registers
The OTP (one-time programmable) memory consists of OTP
registers (0x10 - 0x17 and 0x30 - 0x35) and OTP fuses. The OTP
registers can be written as often as wanted but they are volatile
memory cells. It is possible to access the OTP registers using the
I²C interface for “soft programming” the part or via the
production programming interface pins (TRSDA and TRSCL). In
order to store chip configuration data to the ANC chip, the OTP
registers are linked together with the OTP fuses shown in
Figure 52. The OTP fuse block is a shadow register of the OTP
registers that are nonvolatile memory cells. These registers
store chip parameters during power-down. Programming the
fuses can be done three times and is a permanent change. In
order to configure the ANC chip during startup the OTP fuse
content is loaded to the OTP registers. The AS3412 offers 3 OTP
fuse sets for storing the microphone gain making it possible to
change the gain 2 times for re-calibration or other purposes. In
order to determine the right register settings for microphone
gain in production, as well as in the engineering design phase,
the non-volatile OTP registers should be used without OTP
programming. This allows you to configure all registers as many
times as desired to find the best microphone gain calibration
value. Once all the right register settings have been found, the
OTP fuse block should be used to store these settings.
Figure 52:
Register Access
Register Access: This diagram shows the OTP and register architecture of the AS3412.
A single OTP cell can be programmed only once. By default, the
cell is “0”; a programmed cell contains a “1”. Because it is not
possible to reset a programmed bit from “1” to “0”, multiple OTP
writes are possible, but only additional un-programmed
“0”-bits can be programmed to “1”.
OTP Register
0x30...0x35; 0x10...0x17
OTP
Fuses
WRITE
READ
WRITE
READ
MODE/CSCL
ANC/CSDA
TRSDA/BPL
TRSCL/BPR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com