Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 6Page - ams-OSRAM AG AS3412 Datasheet HTML 7Page - ams-OSRAM AG AS3412 Datasheet HTML 8Page - ams-OSRAM AG AS3412 Datasheet HTML 9Page - ams-OSRAM AG AS3412 Datasheet HTML 10Page - ams-OSRAM AG AS3412 Datasheet HTML 11Page - ams-OSRAM AG AS3412 Datasheet HTML 12Page - ams-OSRAM AG AS3412 Datasheet HTML 13Page - ams-OSRAM AG AS3412 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
ams Datasheet
Page 9
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
This section provides a detailed description of the device
related components.
Audio Line Input
The chip features one stereo line input for music playback. In
monitor mode the line inputs can also be muted in order to stop
music playback and increase speech intelligibility.
Figure 8:
Stereo Line Input
Stereo Line Input: This diagram shows the internal structure of the line input.
If there is a high pass function desired in an application, to block
very low frequencies that could harm the speaker, or eliminate
little offset voltages a simple capacitor CLIN could do this
function. The implementation is shown in Figure 8. The correct
capacitor value for the desired cut-off frequency can be
calculated with the following formula:
A typical cut-off frequency in an audio application is 20Hz. With
an input impedance RLIN of typ. 2k and a desired cut off
frequency of 20Hz the input capacitor should be bigger than
4μF. Therefore a typical value of 4.7μF is recommended.
Detailed Description
to left
headphone
amplifier
MUTE
to right
headphone
amplifier
MUTE
Music Left
LINL
Music Right
LINR
RLIN
RLIN
CLIN
CLIN
(EQ1)
CLIN
1
2
π RLIN fcut off
⋅⋅
----------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com