Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 9Page - ams-OSRAM AG AS3412 Datasheet HTML 10Page - ams-OSRAM AG AS3412 Datasheet HTML 11Page - ams-OSRAM AG AS3412 Datasheet HTML 12Page - ams-OSRAM AG AS3412 Datasheet HTML 13Page - ams-OSRAM AG AS3412 Datasheet HTML 14Page - ams-OSRAM AG AS3412 Datasheet HTML 15Page - ams-OSRAM AG AS3412 Datasheet HTML 16Page - ams-OSRAM AG AS3412 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Detailed Description
The corner frequency of this high pass filter is defined with the
capacitor CAC and the gain of the headphone amplifier.
Figure 12 shows an overview of typical cut-off frequencies with
different microphone gain settings.
Figure 12:
Microphone Cut-Off Frequency Overview
Microphone Cut-Off Frequency Overview: This table shows an overview of the different cut-off frequencies
with CAC=10μF, CMIC= 2.2μF and RMICIN=22kΩ of the microphone preamplifier.
Filter Simulations: It is important when doing the ANC filter
simulations to include all microphone filter components to
incorporate the gain and phase influence of these components.
In the cut-off frequency overview, capacitor CAC was defined as
10μF which results in a rather low cut-off frequency for best
ANC filter design. If a different capacitor value is desired in the
application, the following formula defines the transfer function
of the high pass circuit of the microphone preamplifier:
The simplified transfer function does not include the high pass
filter defined by CMIC and RMICIN. With the recommended values
of 2.2μF for CMIC and 22kΩ for RMICIN this filter can be neglected
because of the very low cut-off frequency of 1.5Hz.
Microphone Gain
R1
R2
Fcut-off
0dB
22.2kΩ
1.7Hz
3dB
15716Ω
6484Ω
1.9Hz
6dB
11126Ω
11074Ω
2.2Hz
9dB
7877Ω
14323Ω
2.7Hz
12dB
5576Ω
16623Ω
3.5Hz
15dB
3948Ω
18252Ω
4.5Hz
18dB
2795Ω
19405Ω
6.1Hz
21dB
1979Ω
20221Ω
8.4Hz
24dB
1400Ω
20800Ω
11.5Hz
27dB
992Ω
21208Ω
16.3Hz
30dB
702Ω
21498Ω
22.7Hz
(EQ2)
A
4CAC
2
f
2
R1 R2
+
()
2 π2 1
+
⋅⋅ ⋅
4CAC
2
f
2 R
1
2 π2 1
+
⋅⋅ ⋅
-----------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com