Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 16Page - ams-OSRAM AG AS3412 Datasheet HTML 17Page - ams-OSRAM AG AS3412 Datasheet HTML 18Page - ams-OSRAM AG AS3412 Datasheet HTML 19Page - ams-OSRAM AG AS3412 Datasheet HTML 20Page - ams-OSRAM AG AS3412 Datasheet HTML 21Page - ams-OSRAM AG AS3412 Datasheet HTML 22Page - ams-OSRAM AG AS3412 Datasheet HTML 23Page - ams-OSRAM AG AS3412 Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
ams Datasheet
Page 19
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
Headphone Amplifier
The headphone amplifier is a true ground output using VNEG as
negative supply. It is designed to feature an output power of
2x34mW @ 32
Ω load. For higher output requirements, the
headphone amplifier is also capable of operating in bridged
mode. In this mode the left output is carrying the inverted
signal of the right output shown in Figure 22. With a VBAT
voltage of 1.8V, a maximum output power of 90mW can be
achieved. This is required for over- and on ear headsets with
higher output power requirements. The amplifier itself features
various input sources. The line input signal is directly connected
to the headphone amplifier. The input multiplexer supports
three different input signals which can be configured according
to the HPH_MUX register. The “Open” setting is being used to
disable the active noise cancelling function.
Figure 21:
Headphone Amplifier Single Ended
Headphone Amplifier Single Ended: This figure shows the block diagram of the headphone amplifier including
the integrated music bypass switches as well as the summation input of the amplifier in single ended
configuration.
QMICR
QOP1R
open
QMICL
QOP1L
open
HPR
HPL
LINL
AGND
LINR
RLIN
RLIN
2kΩ
2kΩ
2kΩ
2kΩ
2kΩ
2kΩ
HPH_MUX
HPH_MUX
LINE_MUTE
LINE_MUTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com