Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 30 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 30 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 26Page - ams-OSRAM AG CMV2000 Datasheet HTML 27Page - ams-OSRAM AG CMV2000 Datasheet HTML 28Page - ams-OSRAM AG CMV2000 Datasheet HTML 29Page - ams-OSRAM AG CMV2000 Datasheet HTML 30Page - ams-OSRAM AG CMV2000 Datasheet HTML 31Page - ams-OSRAM AG CMV2000 Datasheet HTML 32Page - ams-OSRAM AG CMV2000 Datasheet HTML 33Page - ams-OSRAM AG CMV2000 Datasheet HTML 34Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
30 / 87
/
Table 7: Frame rate for different frame size
Number of columns
Number of lines
Frame rate
2048
1088
338
2048
512
710
2048
70
4537
Figure 16 shows the frame period for 2 consecutive frame cycle.
Figure 16: Frame period
When the exposure time is greater than the read-out time, the frame rate is mostly defined by
the exposure time itself (because the exposure time would be much longer than the FOT).
7.2.6
Start-up sequence
The sequence, shown in Figure 17 should be followed when the CMV2000 is started up in
default output mode (480 Mbps, 10-bit resolution). There is no specific startup sequence for
the power supplies needed.
Figure 17: Start-up sequence for 480 Mbps @ 10-bit
FRAME_REQ
Frame1_cycle
FOT
Read-out time
Exposure time
Frame2_cycle
FOT
Read-out time
Exposure time
Frame period
1μs
1μs
Stable time
Supply
CLK_IN
SYS_RES_N
FRAME_REQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com