Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 12Page - ams-OSRAM AG CMV2000 Datasheet HTML 13Page - ams-OSRAM AG CMV2000 Datasheet HTML 14Page - ams-OSRAM AG CMV2000 Datasheet HTML 15Page - ams-OSRAM AG CMV2000 Datasheet HTML 16Page - ams-OSRAM AG CMV2000 Datasheet HTML 17Page - ams-OSRAM AG CMV2000 Datasheet HTML 18Page - ams-OSRAM AG CMV2000 Datasheet HTML 19Page - ams-OSRAM AG CMV2000 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 87 page
background image
CMV2000
Specification overview
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
16 / 87
/
6
Specification overview
Below are the typical electro-optical specifications of CMV2000. These are typical values with
typical supplies at room temperature.
Table 7: Electro-optical characteristics
Specification
Value
Comment
Effective pixels
2048 x 1088
Pixel pitch
5.5 x 5.5 µm2
Optical format
2/3
”
Full well charge
13.5 ke-
Pinned photodiode pixel
Conversion gain
0.075 LSB/e-
10-bit mode, unity gain
Sensitivity
5.56 V/lux.s
0.27 A/W
With microlenses @ 550 nm
Temporal noise
(analog domain)
13 e-
Pipelined global shutter (GS) with correlated double sampling
(CDS). Read noise
Dynamic range
60 dB
Pixel type
Global shutter pixel
Allows fixed pattern noise correction and reset (kTC) noise
canceling through correlated double sampling.
Shutter type
Pipelined global shutter
Exposure of next image during read-out of the previous image.
Parasitic light sensitivity -
Shutter efficiency
<1/50 000
>99.998%
Color filters
Optional
RGB Bayer pattern
Micro lenses
Yes
Fill factor
42%
W/o micro lens
QE * FF
60%
@ 550 nm with micro lenses.
Dark current signal
125 e-/s
@ 25 °C die temperature. The dark current doubles with every
6.5 °C increase
DSNU
3 LSB/s
10-bit mode
Fixed pattern noise
<1 LSB RMS
<0.1% of full swing, 10-bit mode
PRNU
< 1% RMS of signal
LVDS output channel
16
Each data output running @ 480 Mbit/s.
8, 4 and 2 outputs selectable at reduced frame rate
Frame rate
340 frames/s
Using a 10-bit/pixel and 480 Mbit/s LVDS.
Higher frame rate possible in row windowing mode.
Timing generation
On-chip
Possibility to control exposure time through external pin.
PGA
Yes
4 analog gain settings
Programmable registers
Sensor parameters
Window coordinates, Timing parameters, Gain & offset,
Exposure time, flipped read-
out in X and Y direction …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com