Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 52 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 52 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 48Page - ams-OSRAM AG CMV2000 Datasheet HTML 49Page - ams-OSRAM AG CMV2000 Datasheet HTML 50Page - ams-OSRAM AG CMV2000 Datasheet HTML 51Page - ams-OSRAM AG CMV2000 Datasheet HTML 52Page - ams-OSRAM AG CMV2000 Datasheet HTML 53Page - ams-OSRAM AG CMV2000 Datasheet HTML 54Page - ams-OSRAM AG CMV2000 Datasheet HTML 55Page - ams-OSRAM AG CMV2000 Datasheet HTML 56Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
52 / 87
/
Table 14: Mono or color register selection
Register name
Register address
Default value
Description of the value
mono
39[0]
1
0: Color sensor is used
1: Monochrome sensor is used
7.4.2.2
Piecewise linear response
The CMV2000 has the possibility to achieve a high optical dynamic range by using a piecewise
linear response. This will clip illuminated pixels which reach a programmable voltage, while
leaving the darker pixels untouched. The clipping level can be adjusted 2 times within one
exposure time to achieve a maximum of 3 slopes in the response curve, as shown in
Figure 47.
Figure 47: Piecewise linear response details
In Figure 47, the red lines represent a pixel on which a large amount of light is falling. The blue
line represents a pixel on which less light is falling. The bright pixel is held to a programmable
voltage for a programmable time during the exposure time. This happens two times to make
sure that at the end of the exposure time the pixel is not saturated. The darker pixel is not
influenced and will have a normal response. The Vlow voltages and different exposure times
are programmable using the sequencer registers. Using this feature, a response as detailed in
Figure 48 can be achieved.
Vhigh
Vlow3
Vlow2
Vlow1
Total exposure time
Exposure kneepoint 2
Pixel reset
Pixel sample
Exposure kneepoint 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com