Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 64 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 64 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 60Page - ams-OSRAM AG CMV2000 Datasheet HTML 61Page - ams-OSRAM AG CMV2000 Datasheet HTML 62Page - ams-OSRAM AG CMV2000 Datasheet HTML 63Page - ams-OSRAM AG CMV2000 Datasheet HTML 64Page - ams-OSRAM AG CMV2000 Datasheet HTML 65Page - ams-OSRAM AG CMV2000 Datasheet HTML 66Page - ams-OSRAM AG CMV2000 Datasheet HTML 67Page - ams-OSRAM AG CMV2000 Datasheet HTML 68Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
64 / 87
/
7.5.4
Data rate
Information:
This is only applicable for Version 2.
During start-up or after a sequencer reset, the data rate can be changed if a lower speed than
480 Mbps is desired. This can be done by applying a lower master input clock (CLK_IN) and
high speed LVDS clock (LVDS_CLK_N/P) to the sensor. See chapter 7.2.4 for more details on
the input clock and chapter 7.2.5 for details on how the data rate can be changed. No registers
have to be changed when using a data rate different from 480 Mbps.
7.5.5
Power control
The power consumption of the CMV2000 can be decreased by disabling the LVDS data
channels when they are not used (in 8, 4 or 2 outputs mode). The power will decrease with
approximately 18 mW per channel. So, reducing the outputs from 16 to 4 will save you about
216 mW or 33%. This is the main source for saving power. Other settings (such as bitrate, fps,
temperature …) will have very little to no effect on the total power consumption.
Table 27: Power control register settings
Register name
Register address
Default value
Description of the value
Channel_en
80[7:0]
81[7:0]
82[2:0]
All ‘1’
Bits 0-15 enable/disable the data output channels
Bit 16 enables/disables the clock channel
Bit 17 enables/disables the control channel
Bit 18 enables/disables the LVDS clock input
0: Disabled
1: Enabled
Decreasing the master clock frequency and thereby the LVDS clock frequency will also
decrease power consumption albeit little. Decreasing the LVDS_CLK frequency from 480 MHz
to 128 MHz will decrease power consumption with about 25 mW. All power savings will
happen on the VDD20 supply. Other settings or factors have little to no effect on power
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com