Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 7Page - ams-OSRAM AG CMV2000 Datasheet HTML 8Page - ams-OSRAM AG CMV2000 Datasheet HTML 9Page - ams-OSRAM AG CMV2000 Datasheet HTML 10Page - ams-OSRAM AG CMV2000 Datasheet HTML 11Page - ams-OSRAM AG CMV2000 Datasheet HTML 12Page - ams-OSRAM AG CMV2000 Datasheet HTML 13Page - ams-OSRAM AG CMV2000 Datasheet HTML 14Page - ams-OSRAM AG CMV2000 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
CMV2000
Pinout
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
11 / 87
/
µPGA
LCC
Pin name
Description
Type
H3
75
T_EXP1
Input pin for external exposure mode (optional)
Digital input
G4
69
SPI_EN
SPI enable input pin
Digital input
H4
70
SPI_CLK
SPI clock input pin
Digital input
F3
71
SPI_IN
SPI data input pin
Digital input
F4
68
SPI_OUT
SPI data output pin
Digital output
G2
N.E.
TDIG2
Test pin for digital signals (optional)
Digital output
H2
77
TDIG1
Test pin for digital signals (optional)
Digital output
A6
8
GND
Ground pin
Ground
A12
22
GND
Ground pin
Ground
C1
28
GND
Ground pin
Ground
C6
38
GND
Ground pin
Ground
C12
47
GND
Ground pin
Ground
E3
56
GND
Ground pin
Ground
E5
64
GND
Ground pin
Ground
E9
73
GND
Ground pin
Ground
F1
81
GND
Ground pin
Ground
F12
87
GND
Ground pin
Ground
H7
92
GND
Ground pin
Ground
D1
79
LVDS_CLK_P
LVDS positive input clock
LVDS input
D2
78
LVDS_CLK_N
LVDS negative input clock
LVDS input
B11
25
OUTCLK_N
LVDS negative clock output channel
LVDS output
B12
26
OUTCLK_P
LVDS positive clock output channel
LVDS output
B1
2
OUTCTR_N
LVDS negative control output channel
LVDS output
B2
3
OUTCTR_P
LVDS positive control output channel
LVDS output
C2
4
OUT1_N
LVDS negative data output channel 1
LVDS output
C3
5
OUT1_P
LVDS positive data output channel 1
LVDS output
A2
6
OUT2_N
LVDS negative data output channel 2
LVDS output
A3
7
OUT2_P
LVDS positive data output channel 2
LVDS output
D3
91
OUT3_N
LVDS negative data output channel 3
LVDS output
D4
90
OUT3_P
LVDS positive data output channel 3
LVDS output
B3
89
OUT4_N
LVDS negative data output channel 4
LVDS output
B4
88
OUT4_P
LVDS positive data output channel 4
LVDS output
A4
10
OUT5_N
LVDS negative data output channel 5
LVDS output
A5
11
OUT5_P
LVDS positive data output channel 5
LVDS output
C4
86
OUT6_N
LVDS negative data output channel 6
LVDS output
C5
85
OUT6_P
LVDS positive data output channel 6
LVDS output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com