Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 62 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 62 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 58Page - ams-OSRAM AG CMV2000 Datasheet HTML 59Page - ams-OSRAM AG CMV2000 Datasheet HTML 60Page - ams-OSRAM AG CMV2000 Datasheet HTML 61Page - ams-OSRAM AG CMV2000 Datasheet HTML 62Page - ams-OSRAM AG CMV2000 Datasheet HTML 63Page - ams-OSRAM AG CMV2000 Datasheet HTML 64Page - ams-OSRAM AG CMV2000 Datasheet HTML 65Page - ams-OSRAM AG CMV2000 Datasheet HTML 66Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
62 / 87
/
7.5
Configuring output data format
7.5.1
Output modes
The number of LVDS channels can be selected by programming the appropriate sequencer
register. The pixel remapping scheme and the read-out timing for each mode can be found in
chapter 7.3 of this document.
Table 24: Different output modes register settings
Register name
Register address
Default value
Description of the value
Output_mode
72[1:0]
0
0: 16 outputs
1: 8 outputs
2: 4 outputs
3: 2 outputs
7.5.2
Training patterns
To synchronize the receiving side with the LVDS outputs of the CMV2000, a known data
pattern can be put on the output channels. This pattern can be used to “train” the LVDS
receiver of the surrounding system to achieve correct word alignment of the image data. Such
a training pattern is put on all 16 data channel outputs when there is no valid image data to be
sent (so, also in between bursts of 128 pixels). The training pattern is a 10-bit or 12-bit data
word that replaces the pixel data. The sensor has a 12-bit sequencer register (address 78-79)
that can be loaded through the SPI to change the contents of the 12-bit training pattern.
The control channel does not send a training pattern, because it is used to send control
information at all time. Word alignment can be done on this channel when the sensor is idle
(not exposing or sending image data). In this case all bits of the control word are zero, except
for bit [9] (= 0010 0000 0000 or 512 decimal).
Figure 55 shows the location of the training pattern (TP) on the data channels when the sensor
is idle and when reading out 3 rows. The default mode of 16 outputs is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com