Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 63 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 63 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 59Page - ams-OSRAM AG CMV2000 Datasheet HTML 60Page - ams-OSRAM AG CMV2000 Datasheet HTML 61Page - ams-OSRAM AG CMV2000 Datasheet HTML 62Page - ams-OSRAM AG CMV2000 Datasheet HTML 63Page - ams-OSRAM AG CMV2000 Datasheet HTML 64Page - ams-OSRAM AG CMV2000 Datasheet HTML 65Page - ams-OSRAM AG CMV2000 Datasheet HTML 66Page - ams-OSRAM AG CMV2000 Datasheet HTML 67Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
63 / 87
/
Figure 55: Training pattern location in the data and control channels
7.5.3
10-bit or 12-bit mode
The CMV2000 has the possibility to send 12 bits or 10 bits per pixel. The end user can select
the desired resolution by programming the corresponding sequencer register. Always keep
Bit_mode and ADC_Resolution in the same bit mode. This is shown in Table 25.
Table 25: Bit mode and ADC resolution register settings for version 2
Register name
Register address
Default value
Description of the value
Bit_mode
111[0]
1
0: 12 bits per pixel
1: 10 bits per pixel
ADC_Resolution
112[1:0]
0
0: 10 bits per pixel
1: 11 bits per pixel
2: 12 bits per pixel
Version 3 of this image sensor offers an ADC resolution of 11 bits. The bit mode must be
changed like shown in Table 26.
Table 26: Bit mode and ADC resolution register settings for version 3
Register name
Register address
Default value
Description of the value
Bit_mode
111[0]
1
0: 12 bits per pixel
1: 10 bits per pixel
ADC_Resolution
112[1:0]
0
0: 10 bits per pixel
1: 11 bits per pixel
2: 12 bits per pixel
117[7:0]
8
10-bit: Set to 8
12-bit: Set to 4
116[3:0]
9
10-bit: Set to 9
12-bit: Set to 11
Training pattern
TP
128
TP
128
TP
128
Data
channels
DVAL
LVAL
FVAL
Control
channel
0010 0000 0000
Control information
Sensor in idle mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com