Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 41 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 41 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 37Page - ams-OSRAM AG CMV2000 Datasheet HTML 38Page - ams-OSRAM AG CMV2000 Datasheet HTML 39Page - ams-OSRAM AG CMV2000 Datasheet HTML 40Page - ams-OSRAM AG CMV2000 Datasheet HTML 41Page - ams-OSRAM AG CMV2000 Datasheet HTML 42Page - ams-OSRAM AG CMV2000 Datasheet HTML 43Page - ams-OSRAM AG CMV2000 Datasheet HTML 44Page - ams-OSRAM AG CMV2000 Datasheet HTML 45Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
41 / 87
/
2 output channels:
When only 2 LVDS output channels are used, the read-out of one row takes (8*128) + (8*1)
CLK_IN periods. The maximum frame rate is reduced with a factor of 8 compared to 16
channels mode.
Figure 35: Output timing in 2 channels mode
7.3.3.2
12-bit mode
In 12-bit mode, the analog-to-digital conversion takes 4x longer to complete. This causes the
frame rate to drop to 70 fps when 480 MHz is used for LVDS_CLK_N/P. Due to this extra
conversion time, the sensor automatically multiplexes to 4 outputs when 12-bit is used. To
simplify the figures below, the timing for only one LVDS channel is shown in every case.
For simplification, the timing for only one LVDS channel is shown in every case in the following
paragraphs:
•
4 Output Channels
•
2 Output Channels
4 output channels:
By default, the CMV2000 uses only 4 LVDS output channels in 12-bit mode. This means that
the read-out of one row takes (4*128) + (4*1) CLK_IN periods.
Figure 36: Output timing in 4 channels mode
2 output channels:
When only 2 LVDS output channels are used, the read-out of one row takes (8*128) + (8*1)
CLK_IN periods. The maximum frame rate is reduced with a factor of 2 compared to 4
channels mode.
Figure 37: Output timing in 2 channels mode
IDLE
OH
128
128
128
128
128
Row 1
128
128
128
128
128
128
128
128
Row 2
128
128
128
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH
IDLE
OH
128
OH
DATA_OUT
128
OH
128
OH
128
Row 1
Row 2
OH
128
OH
128
OH
128
OH
128
IDLE
OH
128
128
128
128
128
Row 1
128
128
128
128
128
128
128
128
Row 2
128
128
128
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH
OH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com