Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 4 Page - ams-OSRAM AG

  CMV2000 Datasheet HTML 1Page - ams-OSRAM AG CMV2000 Datasheet HTML 2Page - ams-OSRAM AG CMV2000 Datasheet HTML 3Page - ams-OSRAM AG CMV2000 Datasheet HTML 4Page - ams-OSRAM AG CMV2000 Datasheet HTML 5Page - ams-OSRAM AG CMV2000 Datasheet HTML 6Page - ams-OSRAM AG CMV2000 Datasheet HTML 7Page - ams-OSRAM AG CMV2000 Datasheet HTML 8Page - ams-OSRAM AG CMV2000 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
CMV2000
General description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
4 / 87
/
CMV2000 Global shutter CMOS image
sensor for machine vision
1
General description
The CMV2000 is a high sensitivity, pipelined global shutter CMOS image sensor with 2048 by
1088 pixels (2/3 optical inch) developed for machine vision applications. Pipeline global shutter
pixels allow exposure during read-out, while performing CDS operation. The image sensor has
sixteen 10 or 12-bit digital LVDS outputs (serial). The image sensor also integrates a
programmable gain amplifier and offset regulation. Each channel runs at 480 Mbps maximum
which results in 340 fps frame rate at full resolution. Higher frame rates can be achieved in
row-windowing mode or row-subsampling mode. These modes are all programmable using the
SPI interface. All internal exposure and read-out timings are generated by a programmable on-
board sequencer. External triggering and exposure programming is also possible. Extended
optical dynamic range can be achieved by multiple integrated high dynamic range modes.
1.1
Key benefits & features
The benefits and features of CMV2000, Global shutter CMOS image sensor for machine vision
are listed below:
Table 1: Added value of using CMV2000
Benefits
Features
Freeze moving objects
Global shutter with excellent parasitic light sensitivity of
1/50000
Track moving objects accurately and high inspection
rate
High speed 340 fps
Easy HW design
Pin compatible to CMV4000
Choose between maximum frame rate (10-bit) or better
image quality (12-bit)
Selectable ADC Resolution
See bright and dark objects at the same time
High dynamic range mode with dual exposure and
piecewise linear response option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com