Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 65 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 65 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 61Page - ams-OSRAM AG CMV2000 Datasheet HTML 62Page - ams-OSRAM AG CMV2000 Datasheet HTML 63Page - ams-OSRAM AG CMV2000 Datasheet HTML 64Page - ams-OSRAM AG CMV2000 Datasheet HTML 65Page - ams-OSRAM AG CMV2000 Datasheet HTML 66Page - ams-OSRAM AG CMV2000 Datasheet HTML 67Page - ams-OSRAM AG CMV2000 Datasheet HTML 68Page - ams-OSRAM AG CMV2000 Datasheet HTML 69Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
65 / 87
/
7.6
Configuring on-chip data
7.6.1
Offset and gain
7.6.1.1
Offset
A digital offset can be applied to the output signal. This dark level offset can be programmed
by setting the desired value in the sequencer register. The 14-bit register value is a 2-
complement number, allowing to have a positive and a negative offset (from 8191 to -8192).
The ADC itself has a fixed offset of 70.
So, the dark-
level @ output = 70 + Offset (in 2’s complement). For example, register value
16323 (11 1111 1100 0011) equals -
61 in 2’s complement. The default dark-level is thus set at
70 - 61 = 9 digital numbers.
Table 28: Offset
Register
name
Register
address
Default
value
Description of the value
Offset
100[7:0]
101[5:0]
16323
Defines the dark level offset applied to the output signal (min = 0,
max = 16383).
The value is in 2’s complement:
Decimal
Binary
2’s comp.
0
00 0000 0000 0000
0
1
00 0000 0000 0001
1
…
…
…
8191
01 1111 1111 1111
8191
8192
10 0000 0000 0000
-8192
8193
10 0000 0000 0001
-8191
…
…
…
16383
11 1111 1111 1111
-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com