Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 33 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 33 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 29Page - ams-OSRAM AG CMV2000 Datasheet HTML 30Page - ams-OSRAM AG CMV2000 Datasheet HTML 31Page - ams-OSRAM AG CMV2000 Datasheet HTML 32Page - ams-OSRAM AG CMV2000 Datasheet HTML 33Page - ams-OSRAM AG CMV2000 Datasheet HTML 34Page - ams-OSRAM AG CMV2000 Datasheet HTML 35Page - ams-OSRAM AG CMV2000 Datasheet HTML 36Page - ams-OSRAM AG CMV2000 Datasheet HTML 37Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
33 / 87
/
7.2.8
SPI programming
Programming the sensor is done by writing the appropriate values to the on-board registers.
These registers can be written over a simple serial interface (SPI). The details of the timing
and data format are described below. The data written to the programming registers can also
be read out over this same SPI interface.
The details of the timing and data format are described in the following points.
7.2.8.1
SPI write
The timing to write data over the SPI interface can be found in Figure 21.
Figure 21: SPI write timing
The data is sampled by the CMV2000 on the rising edge of the SPI_CLK. The SPI_CLK has a
maximum frequency of 48 MHz. The SPI_EN signal has to be high for half a clock period
before the first data bit is sampled. After the last data bit is sent, SPI_EN has to remain high for
1 clock period and SPI_CLK has to receive a final falling edge to complete the write operation.
One write action contains 16 bits:
•
One control bit: First bit to be sent, indicates whether a read (‘0’) or write (‘1’) will occur on
the SPI interface.
•
7 address bits: These bits form the address of the programming register that needs to be
written. The address is sent MSB first.
•
8 data bits: These bits form the actual data that will be written in the register selected with
the address bits. The MSB data is written first.
SPI_EN
SPI_IN
SPI_CLK
C=
’1'
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
½ CLK
1 CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com