Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 40 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 40 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 36Page - ams-OSRAM AG CMV2000 Datasheet HTML 37Page - ams-OSRAM AG CMV2000 Datasheet HTML 38Page - ams-OSRAM AG CMV2000 Datasheet HTML 39Page - ams-OSRAM AG CMV2000 Datasheet HTML 40Page - ams-OSRAM AG CMV2000 Datasheet HTML 41Page - ams-OSRAM AG CMV2000 Datasheet HTML 42Page - ams-OSRAM AG CMV2000 Datasheet HTML 43Page - ams-OSRAM AG CMV2000 Datasheet HTML 44Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
40 / 87
/
7.3.3.1
10-bit mode
In this section, the read-out timing for the default 10-bit mode is explained. In this mode the
maximum frame rate of 340 fps can be reached.
For simplification, the timing for only one LVDS channel is shown in every case in the following
paragraphs:
•
16 Output Channels
•
8 Output Channels
•
4 Output Channels
•
2 Output Channels
16 output channels:
By default, all 16 data output channels are used to transmit the image data. This means that
an entire row of image data is transferred in one slot of 128 pixel periods (16 x 128 = 2048).
This results in a maximum frame rate of 340 fps.
Figure 32: Output timing in default 16 channels mode
8 output channels:
When only 8 LVDS output channels are used, the read-out of one row takes (2*128) + (2*1)
CLK_IN periods. The maximum frame rate is reduced with a factor of 2 compared to 16
channels mode.
Figure 33: Output timing in 8 channels mode
4 output channels:
When only 4 LVDS output channels are used, the read-out of one row takes (4*128) + (4*1)
CLK_IN periods. The maximum frame rate is reduce with a factor of 4 compared to 16
channels mode.
Figure 34: Output timing in 4 channels mode
IDLE
OH
128
OH
DATA_OUT
128
OH
128
OH
128
Row 1
Row 2
Row 3
Row 4
IDLE
OH
128
OH
DATA_OUT
128
OH
128
OH
128
Row 1
Row 2
IDLE
OH
128
OH
DATA_OUT
128
OH
128
OH
128
Row 1
Row 2
OH
128
OH
128
OH
128
OH
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com