Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 45 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 45 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 41Page - ams-OSRAM AG CMV2000 Datasheet HTML 42Page - ams-OSRAM AG CMV2000 Datasheet HTML 43Page - ams-OSRAM AG CMV2000 Datasheet HTML 44Page - ams-OSRAM AG CMV2000 Datasheet HTML 45Page - ams-OSRAM AG CMV2000 Datasheet HTML 46Page - ams-OSRAM AG CMV2000 Datasheet HTML 47Page - ams-OSRAM AG CMV2000 Datasheet HTML 48Page - ams-OSRAM AG CMV2000 Datasheet HTML 49Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
45 / 87
/
7.3.4.5
Overview
All outputs are always used to send data, but if you use less than 16 channels, some channels
will have duplicate data. For example, if you multiplex to 4 channels, outputs 6, 7 and 8 will
have identical data as output 5.
Table 8 shows an overview of which channel data is on which output at a certain output mode.
Table 8: Overview channel data
– output mode
MUX
to
OUT
1
OUT
2
OUT
3
OUT
4
OUT
5
OUT
6
OUT
7
OUT
8
OUT
9
OUT
10
OUT
11
OUT
12
OUT
13
OUT
14
OUT
15
OUT
16
16
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
CH9
CH10
CH11
CH12
CH13
CH14
CH15
CH16
8
CH1
CH1
CH3
CH3
CH5
CH5
CH7
CH7
CH9
CH9
CH11
CH11
CH13
CH13
CH15
CH15
4
CH1
CH1
CH1
CH1
CH5
CH5
CH5
CH5
CH9
CH9
CH9
CH9
CH13
CH13
CH13
CH13
2
CH1
CH1
CH1
CH1
CH1
CH1
CH1
CH1
CH9
CH9
CH9
CH9
CH9
CH9
CH9
CH9
7.3.5
Control channel
The CMV2000 has one LVDS output channel dedicated for the valid data synchronization and
timing of the output channels. The end user must use this channel to know when valid image
data or training data is available on the data output channels.
The control channel transfers status information in 10-bit or 12-bit word format. Every bit of the
word has a specific function. Next table describes the function of the individual bits, but only
the DVAL, LVAL and FVAL signal are necessary to know when to sample the image data.
Table 9: Function of the individual bits
Bit
Function
Description
[0]
DVAL
Indicates valid pixel data on the outputs
[1]
LVAL
Indicates validity of the read-out of a row
[2]
FVAL
Indicates the validity of the read-out of a frame
[3]
SLOT
Indicates the overhead period before 128-pixel bursts (*)
[4]
ROW
Indicates the overhead period before the read-out of a row(1)
[5]
FOT
Indicates when the sensor is in FOT (sampling of image data in pixels)(1)
[6]
INTE1
Indicates when pixels of integration block 1 are integrating(1)
[7]
INTE2
Indicates when pixels of integration block 2 are integrating(1)
[8]
‘0’
Constant zero
[9]
‘1’
Constant one



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com