Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 60 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 60 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 56Page - ams-OSRAM AG CMV2000 Datasheet HTML 57Page - ams-OSRAM AG CMV2000 Datasheet HTML 58Page - ams-OSRAM AG CMV2000 Datasheet HTML 59Page - ams-OSRAM AG CMV2000 Datasheet HTML 60Page - ams-OSRAM AG CMV2000 Datasheet HTML 61Page - ams-OSRAM AG CMV2000 Datasheet HTML 62Page - ams-OSRAM AG CMV2000 Datasheet HTML 63Page - ams-OSRAM AG CMV2000 Datasheet HTML 64Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
60 / 87
/
7.4.5.1
Simple subsampling
Table 21: Simple subsampling register settings
Register name
Register address
Default value
Description of the value
Number_lines
1[7:0]
2[7:0]
1088
Defines the total number of lines read-out by the
sensor (min=1, max=1088)
Sub_s
35[7:0]
36[7:0]
0
Number of rows to skip (min=0, max=1086)
Sub_a
37[7:0]
38[7:0]
0
Identical to Sub_s
Figure 53 shows two subsampling examples (skip 4x and skip 1x).
Figure 53: Subsampling examples (skip 4x and skip 1x)
7.4.5.2
Advanced subsampling
When using a color sensor, the subsampling scheme should preserve the Bayer pattern that is
applied to the sensor. This means that the number of rows to be skipped should always be a
multiple of two. An advanced subsampling scheme can be programmed to achieve these
requirements. Of course, this advanced subsampling scheme can also be programmed in a
monochrome sensor. See Table 22 for more details.
Sub_s = 4
Sub_a = 4
Number_lines = sum of red lines
Sub_s = 1
Sub_a = 1
Number_lines = sum of red lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com