Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 44 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 44 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 40Page - ams-OSRAM AG CMV2000 Datasheet HTML 41Page - ams-OSRAM AG CMV2000 Datasheet HTML 42Page - ams-OSRAM AG CMV2000 Datasheet HTML 43Page - ams-OSRAM AG CMV2000 Datasheet HTML 44Page - ams-OSRAM AG CMV2000 Datasheet HTML 45Page - ams-OSRAM AG CMV2000 Datasheet HTML 46Page - ams-OSRAM AG CMV2000 Datasheet HTML 47Page - ams-OSRAM AG CMV2000 Datasheet HTML 48Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
44 / 87
/
7.3.4.3
4 outputs
When only 4 outputs are used, the pixel data is placed on the outputs as detailed Figure 40. 4
bursts of 128 pixels happen in parallel on the data outputs. This means that one complete row
is read out in four bursts. The time needed to read out one row is 4x longer compared to when
16 outputs are used. Only channel 1, 5, 9 and 13 are being used in this mode, so the
remaining channels can be turned off by setting the correct bits in the register with addresses
80-82. Turning off these channels will reduce the power consumption of the chip.
The amount of rows that will be read out can be set in the register. By default there are 1088
rows being read out.
Figure 40: Pixel remapping for 4 output channels
7.3.4.4
2 outputs
When only 2 outputs are used, the pixel data is placed on the outputs as detailed in Figure 41.
2 bursts of 128 pixels happen in parallel on the data outputs. This means that one complete
row is read out in 8 bursts. The time needed to read out one row is 8x longer compared to
when 16 outputs are used. Only channels 1 and 9 are being used in this mode, so the
remaining channels can be turned off by setting the correct bits in the register with addresses
80-82. Turning off these channels will reduce the power consumption of the chip.
The amount of rows that will be read out can be set in the register. By default 1088 rows are
read out.
Figure 41: Pixel remapping for 2 output channels
IDLE
Pixel 0 to 127
Channel 1
IDLE
Pixel 128 to 255
Channel 5
IDLE
Pixel 256 to 383
Channel 9
IDLE
Channel 13
Pixel 1536 to 1663
Row 1
Pixel 384 to 511
Pixel 512 to 639
Pixel 1664 to 1791
Pixel 640 to 767
Pixel 768 to 895
Pixel 896 to 1023
Pixel 1024 to 1151
Pixel 1152 to 1279
Pixel 1280 to 1407
Pixel 1408 to 1535
Pixel 1792 to 1919
Pixel 1920 to 2047
IDLE
Pixel 0 to 127
Channel 1
IDLE
Pixel 128 to 255
Channel 9
Pixel 256 to 383
Pixel 1536 to 1663
Row 1
Pixel 384 to 511
Pixel 512 to 639
Pixel 1664 to 1791
Pixel 640 to 767
Pixel 768 to 895
Pixel 896 to 1023
Pixel 1024 to 1151
Pixel 1152 to 1279
Pixel 1280 to 1407
Pixel 1408 to 1535
Pixel 1792 to 1919
Pixel 1920 to 2047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com