Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 10Page - ams-OSRAM AG CMV2000 Datasheet HTML 11Page - ams-OSRAM AG CMV2000 Datasheet HTML 12Page - ams-OSRAM AG CMV2000 Datasheet HTML 13Page - ams-OSRAM AG CMV2000 Datasheet HTML 14Page - ams-OSRAM AG CMV2000 Datasheet HTML 15Page - ams-OSRAM AG CMV2000 Datasheet HTML 16Page - ams-OSRAM AG CMV2000 Datasheet HTML 17Page - ams-OSRAM AG CMV2000 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 87 page
background image
CMV2000
Electrical characteristics
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
14 / 87
/
5
Electrical characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with
production tests or SQC (Statistical Quality Control) methods.
Table 6: Electrical characteristics of CMV2000
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Power supplies
VDD20
Digital supply LVDS, ADC
Version2
2.05
2.1
2.15
V
Version3
2.0
2.0
2.15
V
VDD33
Analog supply ADC, PGA
3.2
3.3
3.4
V
VDDPIX
Analog pixel supply
2.9
3.0
3.1
V
Vres_h
Analog pixel reset supply
3.2
3.3
3.4
V
IDD20
Supply current
Readout @ Version2
370
mA
Readout @ Version3
300
mA
IDD33
Supply current
Readout @ Version2
65
mA
Readout @ Version3
80
mA
IDDPIX
Supply current
Readout @ Version2
20
mA
Readout @ Version3
20
mA
Ires_h
Supply current
Readout
15
mA
P20
Power consumption
Version2
780
mW
Version3
640
mW
P33
Power consumption
Version2
220
mW
Version3
270
mW
PPIX
Power consumption
60
mW
Pres_h
Power consumption
50
mW
Digital I/O CMOS/TTL DC
VIH
High level input voltage
2.0
VDD33
V
VIL
Low level input voltage
GND
0.8
V
VOH
High level output voltage
VDD=3.3 V
IOH=-2 mA
2.4
V
VOL
Low level output voltage
VDD=3.3 V
IOH=-2 mA
0.4
V
Ci
Input load
2
pF
Co
Output load
2
pF
fCLK_IN
CLK_IN frequency
5
48
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com