Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 11Page - ams-OSRAM AG CMV2000 Datasheet HTML 12Page - ams-OSRAM AG CMV2000 Datasheet HTML 13Page - ams-OSRAM AG CMV2000 Datasheet HTML 14Page - ams-OSRAM AG CMV2000 Datasheet HTML 15Page - ams-OSRAM AG CMV2000 Datasheet HTML 16Page - ams-OSRAM AG CMV2000 Datasheet HTML 17Page - ams-OSRAM AG CMV2000 Datasheet HTML 18Page - ams-OSRAM AG CMV2000 Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 87 page
background image
CMV2000
Electrical characteristics
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
15 / 87
/
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TIA/EIA-644A LVDS - driver specifications (OUTX_N/P, OUTCLK_N/P, OUTCTR_N/P)
VOD
Differential output voltage
Steady State, RL =
100
Ω
247
350
454
mV
∆V
OD
Difference in VOD between
complementary output states
Steady State, RL =
100
Ω
50
mV
VOC
(1)
Common mode voltage
Steady State, RL =
100
Ω
1.26
1.37
1.50
V
∆V
OC
Difference in VOC between
complementary output states
Steady State, RL =
100
Ω
50
mV
IOS,GND
Output short circuit current to
ground
VOUTP = VOUTN = GND
24
mA
IOS,PN
Output short circuit current
VOUTP = VOUTN
12
mA
TIA/EIA-644A LVDS-receiver specifications (LVDS_CLK_N/P)
VID
Differential input voltage
Steady state
100
350
600
mV
VIC
Receiver input range
Steady state
0.0
2.4
V
IID
Receiver input current
VINP|INN = 1.2 V±50 mV,
0
≤ VINP|INN≤2.4 V
20
µA
∆I
ID
Receiver input current difference
|IINP – IINN|
6
µA
Timing
CLK_IN
5
48
MHz
LVDS_CLK_N/P
50
480
MHz
SPI_CLK
48
MHz
(1) Voc is dependent on the 2.1 V supply voltage; therefore, these values differ from the TIA/EIA-644A spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com