Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 72 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 72 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 68Page - ams-OSRAM AG CMV2000 Datasheet HTML 69Page - ams-OSRAM AG CMV2000 Datasheet HTML 70Page - ams-OSRAM AG CMV2000 Datasheet HTML 71Page - ams-OSRAM AG CMV2000 Datasheet HTML 72Page - ams-OSRAM AG CMV2000 Datasheet HTML 73Page - ams-OSRAM AG CMV2000 Datasheet HTML 74Page - ams-OSRAM AG CMV2000 Datasheet HTML 75Page - ams-OSRAM AG CMV2000 Datasheet HTML 76Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 87 page
background image
CMV2000
Register description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
72 / 87
/
Address
Default
Value
Remark
bit[7]
bit[6]
bit[5]
bit[4]
bit[3]
bit[2]
bit[1]
bit[0]
62
1
Do not change
63
0
Do not change
64
0
Do not change
65
1
Do not change
66
0
Do not change
67
0
Do not change
68
1
Do not change
69
1
Exp2_seq[7:0]
70
1
Number_frames [7:0]
71
0
Number_frames[15:8]
72
0
Output_mode[1:0]
73
10
fot_length[7:0]
Can be
lowered to 5,
see chapter
7.4.1
74
8
i_lvds_rec[3:0](1)
V2: Do not
change
75
8
Do not change
76
8
Do not change
77
3
Col_cali
b(1)
ADC_c
alib(1)
V2: Do not
change
V3: Set to 0
78
85
Training_pattern[7:0]
79
0
Training pattern [11:8]
80
255
Channel_en[7:0]
81
255
Channel_en[15:8]
82
3
Channel_en [18:16]
V2: Set to 7
V3: See
chapter 7.5.5
and set to 7
83
8
i_lvds[3:0]
Can be
lowered to 4
for meeting
EMC
standards
84
8
I_col[3:0]
Set to 4
85
8
I_col_prech[3:0]
Set to 1
86
8
Do not change
87
8
I_amp[3:0](1)
V2: Do not
change
V3: Set to 12
88
96
Vtf_l1[6:0]
Set to 64
89
96
Vlow2[6:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com