Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 8Page - ams-OSRAM AG CMV2000 Datasheet HTML 9Page - ams-OSRAM AG CMV2000 Datasheet HTML 10Page - ams-OSRAM AG CMV2000 Datasheet HTML 11Page - ams-OSRAM AG CMV2000 Datasheet HTML 12Page - ams-OSRAM AG CMV2000 Datasheet HTML 13Page - ams-OSRAM AG CMV2000 Datasheet HTML 14Page - ams-OSRAM AG CMV2000 Datasheet HTML 15Page - ams-OSRAM AG CMV2000 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 87 page
background image
CMV2000
Pinout
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
12 / 87
/
µPGA
LCC
Pin name
Description
Type
B5
12
OUT7_N
LVDS negative data output channel 7
LVDS output
B6
13
OUT7_P
LVDS positive data output channel 7
LVDS output
D5
83
OUT8_N
LVDS negative data output channel 8
LVDS output
D6
82
OUT8_P
LVDS positive data output channel 8
LVDS output
D7
36
OUT9_N
LVDS negative data output channel 9
LVDS output
D8
35
OUT9_P
LVDS positive data output channel 9
LVDS output
B7
15
OUT10_N
LVDS negative data output channel 10
LVDS output
B8
16
OUT10_P
LVDS positive data output channel 10
LVDS output
C8
17
OUT11_N
LVDS negative data output channel 11
LVDS output
C9
18
OUT11_P
LVDS positive data output channel 11
LVDS output
A8
34
OUT12_N
LVDS negative data output channel 12
LVDS output
A9
33
OUT12_P
LVDS positive data output channel 12
LVDS output
B9
19
OUT13_N
LVDS negative data output channel 13
LVDS output
B10
20
OUT13_P
LVDS positive data output channel 13
LVDS output
D9
32
OUT14_N
LVDS negative data output channel 14
LVDS output
D10
31
OUT14_P
LVDS positive data output channel 14
LVDS output
A10
30
OUT15_N
LVDS negative data output channel 15
LVDS output
A11
29
OUT15_P
LVDS positive data output channel 15
LVDS output
C10
23
OUT16_N
LVDS negative data output channel 16
LVDS output
C11
24
OUT16_P
LVDS positive data output channel 16
LVDS output
A7
9
VDD20
2.1 V supply
Supply
C7
21
VDD20
2.1 V supply
Supply
E4
37
VDD20
2.1 V supply
Supply
E7
59
VDD20
2.1 V supply
Supply
E8
84
VDD20
2.1 V supply
Supply
E6
14
VDDPIX
3.0 V supply
Supply
G1
46
VDDPIX
3.0 V supply
Supply
G12
74
VDDPIX
3.0 V supply
Supply
F7
58
Vres_H
3.3 V supply
Supply
E2
1
VDD33
3.3 V supply
Supply
H1
27
VDD33
3.3 V supply
Supply
H6
61
VDD33
3.3 V supply
Supply
F11
N.E(1)
DIO1
Diode 1 for test (not connected)
Test
H12
N.E(1)
DIO2
Diode 2 for test (not connected)
Test
(1) Not equipped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com