Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 46 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 46 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 42Page - ams-OSRAM AG CMV2000 Datasheet HTML 43Page - ams-OSRAM AG CMV2000 Datasheet HTML 44Page - ams-OSRAM AG CMV2000 Datasheet HTML 45Page - ams-OSRAM AG CMV2000 Datasheet HTML 46Page - ams-OSRAM AG CMV2000 Datasheet HTML 47Page - ams-OSRAM AG CMV2000 Datasheet HTML 48Page - ams-OSRAM AG CMV2000 Datasheet HTML 49Page - ams-OSRAM AG CMV2000 Datasheet HTML 50Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
46 / 87
/
Bit
Function
Description
[10]
‘0’
Constant zero
[11]
‘0’
Constant zero
(1) The status bits are purely informational. These bits are not required to know when the data is valid. The DVAL, LVAL and
FVAL signals are sufficient to know when to sample the image data.
INTE1/2 will be low when FOT is high, so the exposure during the small 0.43*reg73 overlap
(see formulas in 7.4.1), will not be visible in the INTE1/2 bits.
Pins H2 (TDIG1) and G2 (TDIG2) can be programmed to map the state of control channel bits
[0] (DVAL), [1] (LVAL), [2] (FVAL), [6] (INTE1) or [7] (INTE2) with registers 108 (T_dig1) and
109 (T_dig2).
Table 10: Register 108/109 value
Register 108/109 value
TDIG1
TDIG2
0
INTE1
INTE1
1
INTE2
INTE2
2
DVAL
DVAL
3
LVAL
LVAL
4
FVAL
FVAL
7.3.5.1
DVAL, LVAL, FVAL
The first three bits of the control word must be used to identify valid data and the read-out
status.
Figure 42 shows the timing of the DVAL, LVAL and FVAL bits of the control channel with an
example of the read-out of a frame of 3 rows (default is 1088 rows). This example uses the
default mode of 16 outputs in 10-bit mode.
Figure 42: DVAL, LVAL and FVAL timing in 16 outputs mode
IDLE
OH
128
OH
128
OH
128
DATA_OUT
DVAL
LVAL
FVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com