Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2000 Datasheet(PDF) 31 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 31 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 27Page - ams-OSRAM AG CMV2000 Datasheet HTML 28Page - ams-OSRAM AG CMV2000 Datasheet HTML 29Page - ams-OSRAM AG CMV2000 Datasheet HTML 30Page - ams-OSRAM AG CMV2000 Datasheet HTML 31Page - ams-OSRAM AG CMV2000 Datasheet HTML 32Page - ams-OSRAM AG CMV2000 Datasheet HTML 33Page - ams-OSRAM AG CMV2000 Datasheet HTML 34Page - ams-OSRAM AG CMV2000 Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
31 / 87
/
The CLK_IN master clock (48 MHz for 480 Mbps in 10-bit mode) should only start after the rise
time of the supplies. The
external reset pin should be released at least 1 μs after the supplies
have become stable. The first frame can be requested 1 μs after the reset pin has been
released.
If the register settings need to be changed (e.g. when using 12-bit mode), this can be done
through an SPI upload 1 µs after the rising edge on the SYS_RES_N pin, as described in
Figure 18. In this case, the FRAME_REQ pulse must not be sent until after the SPI upload is
completed, plus a settling time. This settling time is to ensure that the changes programmed in
the SPI upload have taken effect before an image is captured. The main factor that determines
this settling time is the change in ADC gain, because the voltage over the ramp capacitor has
to settle. For typical applications, where the ADC gain is changed from the default value of 32
to a value that saturates the ADC output (40 to 45 at 48 MHz), the settling time is 5 ms. In
extreme cases, when the gain is changed from default to the maximum value, the settling time
will increase to 20 ms.
Figure 18: Start-up sequence for 12-bit mode
7.2.7
Reset sequence
If a sensor reset is necessary while the sensor is running, the sequence in Figure 19 should be
followed. The on-board sequencer will be reset and all programming registers will return to
their default start-up values when a falling edge is detected on the SYS_RES_N pin. As with
the start-
up sequence, there is a minimum time of 1 μs plus a settling time needed before a
FRAME_REQ pulse can be sent, to allow the gain settings to settle at their default value.
1μs
Stable time
Supply
CLK_IN
SYS_RES_N
FRAME_REQ
SPI upload
SPI upload
1μs
Settling time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com