Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 144 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 144 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 140Page - Omron Electronics LLC F39-LP Datasheet HTML 141Page - Omron Electronics LLC F39-LP Datasheet HTML 142Page - Omron Electronics LLC F39-LP Datasheet HTML 143Page - Omron Electronics LLC F39-LP Datasheet HTML 144Page - Omron Electronics LLC F39-LP Datasheet HTML 145Page - Omron Electronics LLC F39-LP Datasheet HTML 146Page - Omron Electronics LLC F39-LP Datasheet HTML 147Page - Omron Electronics LLC F39-LP Datasheet HTML 148Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 164 page
background image
F3SG-RA-02TS
144
Safety light curtain connecting cable
Single-Ended Cable for Emitter (Oil-Resistant Cable) (F39-JD
@RA-L, sold separately)
Single-Ended Cable for Receiver (Oil-Resistant Cable) (F39-JD
@RA-D, sold separately)
Single-Ended Cable for Emitter (F39-JD
@A-L, sold separately)
Single-Ended Cable for Receiver (F39-JD
@A-D, sold separately)
Double-Ended Cable for Emitter: Cable for extension (F39-JD
@B-L, sold separately)
Fluororesin-insulated round cable dia. 6, 5-wire
(Cross section of conductor: 0.35 mm2(AWG22) / insulator diameter: dia. 1.13 mm)
M12 oil-resistant
connector
40.7
L
L
40.7
Fluororesin-insulated round cable dia. 6, 8-wire
(Cross section of conductor: 0.35 mm2(AWG22) / insulator diameter: dia. 1.13 mm)
M12 oil-resistant
connector
Emitter cable (Gray)
Receiver cable (Black)
L (m)
F39-JD3RA-L
F39-JD3RA-D
3
F39-JD7RA-L
F39-JD7RA-D
7
39.5
L
M12 IP67 connector
Insulated vinyl round cable dia. 6.6, shielded
8-wire (4-pair) (Cross section of conductor: 0.3mm2(AWG22) /
insulator diameter: dia. 1.15mm)
39.5
L
M12 IP67 connector
Insulated vinyl round cable dia. 6.6, shielded
8-wire (4-pair) (Cross section of conductor: 0.3mm2(AWG22) /
insulator diameter: dia. 1.15mm)
Emitter cable (Gray)
Receiver cable (Black)
L (m)
F39-JD3A-L
F39-JD3A-D
3
F39-JD7A-L
F39-JD7A-D
7
F39-JD10A-L
F39-JD10A-D
10
F39-JD15A-L
F39-JD15A-D
15
F39-JD20A-L
F39-JD20A-D
20
39.5
L
43
M12
M12 IP67 connector
Body color: Black
Body color: Black
M12 IP67 connector
Insulated vinyl round cable dia. 6.6, shielded
8-wire (4-pair) (Cross section of conductor: 0.3mm2(AWG22) /
Insulator diameter: 1.15mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com