Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 148 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 148 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 144Page - Omron Electronics LLC F39-LP Datasheet HTML 145Page - Omron Electronics LLC F39-LP Datasheet HTML 146Page - Omron Electronics LLC F39-LP Datasheet HTML 147Page - Omron Electronics LLC F39-LP Datasheet HTML 148Page - Omron Electronics LLC F39-LP Datasheet HTML 149Page - Omron Electronics LLC F39-LP Datasheet HTML 150Page - Omron Electronics LLC F39-LP Datasheet HTML 151Page - Omron Electronics LLC F39-LP Datasheet HTML 152Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 164 page
background image
F3W-MA
148
Ordering Information
Smart Muting Actuator
Note: Use with the PNP output model safety light curtain.
Accessories (Sold separately)
Single-Ended Cable *
* A set of two Single-Ended Cables (one for emitter and one for receiver) is also available.
Model: Model number without the -L/-D at the end (F39-JG
@A)
Double-Ended Cable *
* A set of two Double-Ended Cables (one for emitter and one for receiver) is also available.
Model: Model number without the -L/-D at the end (F39-JG
@B)
Appearance
Beam Gap between Muting Trigger
Beams
output
Number of
Beams
Model
100 mm
PNP output
8
F3W-MA0100P
300 mm
20
F3W-MA0300P
Appearance
Type
Cable
length
Specifications
Model
M12 connector
(5-pin), 5 wires
Color: Gray
3 m
F39-JG3A-L
7 m
F39-JG7A-L
10 m
F39-JG10A-L
15 m
F39-JG15A-L
20 m
F39-JG20A-L
For receiver
M12 connector
(8-pin), 8 wires
Color: Black
3 m
F39-JG3A-D
7 m
F39-JG7A-D
10 m
F39-JG10A-D
15 m
F39-JG15A-D
20 m
F39-JG20A-D
Appearance
Type
Cable
length
Specifications
Model
M12 connector
(5-pin)
on both ends
Color: Gray
0.5 m
F39-JGR5B-L
1 m
F39-JG1B-L
3 m
F39-JG3B-L
5 m
F39-JG5B-L
7 m
F39-JG7B-L
10 m
F39-JG10B-L
15 m
F39-JG15B-L
20 m
F39-JG20B-L
M12 connector
(8-pin)
on both ends
Color: Black
0.5 m
F39-JGR5B-D
1 m
F39-JG1B-D
3 m
F39-JG3B-D
5 m
F39-JG5B-D
7 m
F39-JG7B-D
10 m
F39-JG10B-D
15 m
F39-JG15B-D
20 m
F39-JG20B-D
5
3
2
1
4
Female
1
2
3
4
5
+24 VDC
CFG In
0 VDC
COM+
COM-
Brown
Black
Blue
White
Yellow
Connected to Power Cable or Double-Ended Cable
Connected to Power Cable or Double-Ended Cable
5
8
4
3
2
1
7
6
Female
2
7
5
6
1
+24 VDC
0 VDC
Muting Output A
Muting Output B
Mute Enable / CFG In / Reset
Brown
Blue
Black
White
Yellow
8
CFG OutRed
3
COM+
Gray
4
COM-
Pink
Brown
Blue
Black
White
Yellow
1
3
2
4
5
5
3
2
1
4
Brown
Blue
Black
White
Yellow
1
3
2
4
5
Female
5
4
1
2
3
Male
Connected to Power Cable
or Double-Ended Cable
Connected to Single-Ended Cable, or
Double-Ended Cable
Brown
Blue
Black
White
Yellow
Red
Gray
Pink
Blue
Black
White
Yellow
Red
Gray
Pink
2
7
5
6
1
8
3
4
Brown
5
8
4
3
2
1
7
6
5
8
6
7
1
2
3
4
2
7
5
6
1
8
3
4
Connected to Power Cable
or Double-Ended Cable
Connected to Single-Ended Cable, or
Double-Ended Cable
Female
Male



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com