Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 150 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 150 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 146Page - Omron Electronics LLC F39-LP Datasheet HTML 147Page - Omron Electronics LLC F39-LP Datasheet HTML 148Page - Omron Electronics LLC F39-LP Datasheet HTML 149Page - Omron Electronics LLC F39-LP Datasheet HTML 150Page - Omron Electronics LLC F39-LP Datasheet HTML 151Page - Omron Electronics LLC F39-LP Datasheet HTML 152Page - Omron Electronics LLC F39-LP Datasheet HTML 153Page - Omron Electronics LLC F39-LP Datasheet HTML 154Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 164 page
background image
F3W-MA
150
Sensor Mounting Brackets
Note: When mounting an F3W-MA0300P in the L-shaped configuration, the shock resistance becomes as follows.
Shock resistance: 50 m/s2, 1000 shocks for all 3 axes
For mounting an F3W-MA0300P under a shock environment exceeding this, the F3W-MA Bracket cannot be used. Use a Standard
Adjustable Bracket (F39-LGA).
* When using F39-LGMA
@, there are some restrictions on the brackets to mount the F3SG-RA. This bracket is not usable together with F39-LGF.
When using together with the F39-LGA, the protective height of the F3SG-RA must be 270 mm or longer. When using together with F39-LGTB,
the protective height of the F3SG-RA must be 400 mm or longer. An extra F39-LGA is required for reinforcement, depending on the mounting
position of the F39-LGMA
@. Refer to "Dimensions" on page 159 for details.
Appearance
Specification
Application
Remarks
Model
Standard
Fixed Bracket
Bracket to mount the F3W-MA.
Side mounting and backside mounting
possible.
Two brackets per set
F39-LGF
Standard
Adjustable
Bracket
Bracket to mount the F3W-MA.
Beam alignment after mounting
possible.The angle adjustment range is
±15°.
Side mounting and backside mounting
possible.
Two brackets per set
F39-LGA
F3W-MA
Bracket
Bracket to fix the F3W-MA to the F3SG-
RA.
F39-LGMAL: L-shaped configuration
F39-LGMAT: T-shaped configuration
Beam alignment after mounting possible.
When using the F3W-MA Bracket, it is nec-
essary to add an extra Standard Adjust-
able Bracket (F39-LGA) to the F3SG-RA. *
Please also purchase Standard Adjustable
Bracket (F39-LGA).
Two brackets per set
F39-LGMAL
F39-LGMAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com