Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 149 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 149 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 145Page - Omron Electronics LLC F39-LP Datasheet HTML 146Page - Omron Electronics LLC F39-LP Datasheet HTML 147Page - Omron Electronics LLC F39-LP Datasheet HTML 148Page - Omron Electronics LLC F39-LP Datasheet HTML 149Page - Omron Electronics LLC F39-LP Datasheet HTML 150Page - Omron Electronics LLC F39-LP Datasheet HTML 151Page - Omron Electronics LLC F39-LP Datasheet HTML 152Page - Omron Electronics LLC F39-LP Datasheet HTML 153Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 164 page
background image
F3W-MA
149
4-Joint Plug/Socket Connector
Used for reduced wiring for connecting F3W-MA with F3SG-RA.
Appearance
Type
Specifications
Model
For emitter
M12 connectors.
Used for reduced wiring.
F39-GCN4-L
For receiver (PNP output)
M12 connectors.
Used for reduced wiring.
F39-GCN4-D
Includes one each of
F39-GCN4-L and
F39-GCN4-D
−
F39-GCN4
Water-resistive Cover for
4-Joint Plug/Socket
Connector
One water-resistive cover for an F39-GCN4-L/-D
4-Joint Plug/Socket Connector. You can use this when
the MA2 connector part is not used.
Material: PBT. IP67 rated when attached. Smartclick
mechanism.
XS5Z-11
Dust Cover for 4-Joint
Plug/Socket Connector
One dust cover for an F39-GCN4-L/-D 4-Joint Plug/
Socket Connector. You can use this when the MA2
connector part is not used.
Material: Rubber/black. This cover does not ensure
IP67 degree of protection.
XS2Z-14: Attach to a pin block inside the M12 female
screw.
XS2Z-15: Attach to a M12 female screw. When
attaching the cover to the connector, press the cover
onto the connector until the connector is fully inserted
into the cover.
XS2Z-14
XS2Z-15
Single-Ended Cable
F39-JG
@A-L (Gray)
4-Joint Plug/
Socket Connector
F39-GCN4-L
F3SG-RA
Emitter
F3W-MA Emitter
(Secondary)
F3W-MA Emitter
(Primary)
Single-Ended Cable
F39-JG
@A-D (Black)
4-Joint Plug/
Socket Connector
F39-GCN4-D
F3W-MA Receiver
(Secondary)
F3W-MA Receiver
(Primary)
F3SG-RA
Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com