Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 10 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 10 Page - Rohm

Back Button ML22Q533 Datasheet HTML 6Page - Rohm ML22Q533 Datasheet HTML 7Page - Rohm ML22Q533 Datasheet HTML 8Page - Rohm ML22Q533 Datasheet HTML 9Page - Rohm ML22Q533 Datasheet HTML 10Page - Rohm ML22Q533 Datasheet HTML 11Page - Rohm ML22Q533 Datasheet HTML 12Page - Rohm ML22Q533 Datasheet HTML 13Page - Rohm ML22Q533 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
■ Electrical characteristics
● Absolute maximum rating
DGND=SPGND=SPOGND=0V, Ta=25°C
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage 1
DVDD
IOVDD
SPVDD
SPOVDD
—
-0.3 to +6.0
V
Power supply voltage 2
VDDR
—
-0.3 to +4.6
V
Input voltage 1
VIN1
—
-0.3 to DVDD+0.3
V
Input voltage 2
VIN2
—
-0.3 to IOVDD+0.3
V
Input voltage 3
VIN3
Applies to the FB1 and FB2
pins.
-0.3 to SPVDD+0.3
V
Allowable loss
PD
When the LSI is mounted on
JEDEC 4-layer board.
SPVDD = SPOVDD = 5V
1000
mW
Output short-circuit current
IOS
Applies to pins other than
SPM,SPP,VDDL and VDDR pins.
10
mA
Applies to SPM and SPP pins.
500
mA
Applies to the VDDL/VDDR pin.
50
mA
Storage temperature
TSTG
—
-55 to +150
°C
● Recommended operating conditions
DGND=SPGND=SPOGND=0V
Parameter
Symbol
Condition
Range
Unit
DVDD,
IOVDD,
SPVDD
*1, SPOV
DD
*1
Power-supply voltage
DVDD
IOVDD
SPVDD
SPOVDD
—
2.7 to 3.6 / 3.3 to 5.5
V
Operating temperature
Top
—
-40 to +105
°C
Master clock frequency
fOSC
—
Min.
Typ.
Max.
MHz
Typ
-5%
4.096
Typ
+5%
4.000
*1 SPVDD=SPOVDD≥DVDD
● Flash memory condition
Parameter
Symbol
Condition
Range
Unit
Operating temperature
TOP
At write/erase
0 to +70
°C
At read
-40 to +105
°C
Number of rewrites
CEP
―
100
Time
Data retention period
YDR
―
10
Year
10/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com