Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 20 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 20 Page - Rohm

Back Button ML22Q533 Datasheet HTML 16Page - Rohm ML22Q533 Datasheet HTML 17Page - Rohm ML22Q533 Datasheet HTML 18Page - Rohm ML22Q533 Datasheet HTML 19Page - Rohm ML22Q533 Datasheet HTML 20Page - Rohm ML22Q533 Datasheet HTML 21Page - Rohm ML22Q533 Datasheet HTML 22Page - Rohm ML22Q533 Datasheet HTML 23Page - Rohm ML22Q533 Datasheet HTML 24Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
■ Function description
● Clock Synchronous Serial Interface
The CSB, SCK, SI, and SO pins are used to input various command data and to read the status.
For command and data inputting, after "L" level is input to the CSB pin, data is input to the SI pin in MSB first in
synchronization with the input clock signal of the SCK pin. The SI pin data is loaded into the LSI in synchronization with the
SCK pin clock, and the command data is determined by the SCK pin clock of the eighth pulse.
When reading, after "L" level is input to the CSB pin, it is output from the SO pin in synchronization with the input clock
signal of the SCK pin.
The selection of the rising or falling edge of the SCK pin clock depends on the state of the SCK pin at the falling edge of the
CSB pin.
When the SCK pin is "H" at the falling edge of the CSB pin, the SI pin data is loaded into the LSI on the rising edge of the
SCK pin clock, and the status signal is output from the SO pin on the falling edge of the SCK pin clock.
When the SCK pin is "L" at the falling edge of the CSB pin, the SI pin data is loaded into the LSI on the falling edge of the
SCK pin clock, and the status signal is output from the SO pin on the rising edge of the SCK pin clock.
When the CSB pin is fixed to "L" level, the SI pin data is loaded into the LSI on the rising edge of the SCK pin clock, and the
status signal is output from the SO pin at the falling edge of the SCK pin clock.
However, if unexpected pulses are input to the SCK pin due to noise, etc., the count of the number of SCK pin clocks may be
shifted, and normal command input may not be performed.
The serial interface can be returned to the initial state by setting the CSB pin to "H" level.
When the CSB pin is "H" level, the SO pin becomes a high impedance state.
Accessing with I
2C slave interface at the same time is prohibited.
CSB
SCK
SI
Command data input timing: SCK rising edge operation
(When the SCK is "H" at the falling edge of the CSB)
D7
D6
D5
D4
D3
D2
D1
D0
(MSB)
(LSB)
CSB
SCK
SI
Command data input timing: SCK falling edge operation
(When the SCK is "L" at the falling edge of the CSB)
D7
D6
D5
D4
D3
D2
D1
D0
(MSB)
(LSB)
CSB
SCK
Command data output timing: SCK falling edge operation
(When the SCK is "H" at the falling edge of the CSB)
(MSB)
(LSB)
CSB
SCK
Command data output timing: SCK rising edge operation
(When the SCK is "L" at the falling edge of the CSB)
(MSB)
(LSB)
SO
D7
D6
D5
D4
D3
D2
D1
D0
SO
D7
D6
D5
D4
D3
D2
D1
D0
20/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com