Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 32 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 32 Page - Rohm

Back Button ML22Q533 Datasheet HTML 28Page - Rohm ML22Q533 Datasheet HTML 29Page - Rohm ML22Q533 Datasheet HTML 30Page - Rohm ML22Q533 Datasheet HTML 31Page - Rohm ML22Q533 Datasheet HTML 32Page - Rohm ML22Q533 Datasheet HTML 33Page - Rohm ML22Q533 Datasheet HTML 34Page - Rohm ML22Q533 Datasheet HTML 35Page - Rohm ML22Q533 Datasheet HTML 36Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Different sampling frequency mixing algorithm
It is not possible to perform channel mixing by a different sampling frequency group.
Note that when channel synthesis is performed on a sampling frequency group other than the selected sampling frequency
group, playback will be faster or slower. When either LEN or REN is set to "1" by the SAI (serial audio interface) SAICH
command, the frequency is fixed to the frequency group of the SAI selected by the SAICON command.
The following table lists the frequency groups that can be used when mixing different sampling frequency groups.
6.4kHz, 12.8kHz, 25.6kHz
... (Group 1)
8.0kHz, 16.0kHz, 32.0kHz
... (Group 2)
11.025kHz, 22.05kHz, 44.1kHz
... (Group 3)
12.0kHz, 24.0kHz, 48.0kHz
... (Group 4)
10.7kHz, 21.3kHz
... (Group 5)
The figure below shows the operation image when a sampling frequency group with different sampling frequency group is
played back.
Figure 1) Case where a phrase is played at a sampling frequency belonging to a different
sampling frequency group during playback on channels 1 and 2
Figure 2) Case where a phrase is played at a sampling frequency belonging to a different
sampling frequency group after playback is finished at the other channel
Channel 1
Channel 2
Playback at
fs=16.0kHz
Playback at fs = 25.6kHz
Playback at fs = 25.6kHz
Channel 1
Channel 2
Playback at
fs=16.0kHz
Switch to playback at fs=12.8kHz.
32/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com