Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 53 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 53 Page - Rohm

Back Button ML22Q533 Datasheet HTML 49Page - Rohm ML22Q533 Datasheet HTML 50Page - Rohm ML22Q533 Datasheet HTML 51Page - Rohm ML22Q533 Datasheet HTML 52Page - Rohm ML22Q533 Datasheet HTML 53Page - Rohm ML22Q533 Datasheet HTML 54Page - Rohm ML22Q533 Datasheet HTML 55Page - Rohm ML22Q533 Datasheet HTML 56Page - Rohm ML22Q533 Datasheet HTML 57Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Speaker amplifier power-up timing (DAMP bit = "0", AEN1 bit = "0", AEN0 bit =
"0" → "1")
CSB
Status
Command is being processed
Awaiting command
SCK
SI
NCR
BUSYB
Command standby
Awaiting command
AMODE command
1
st byte
AMODE command
2
nd byte
LINE output
GND
SPM
GND
1/2SPVDD
SPP
Hi-Z
1/2SPVDD
VOH
VOL
CBUSYB
tCB1
tPUPA1
(internal)
(internal)
1/2SPVDD
(internal)
Command is being processed
53/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com